Electronic Components Datasheet Search
  English  ▼

X  

ADG5404 Datasheet(PDF) 17 Page - Analog Devices

Part # ADG5404
Description  High Voltage, Latch-up Proof, 4-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5404 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADG5404 Datasheet HTML 12Page - Analog Devices ADG5404 Datasheet HTML 13Page - Analog Devices ADG5404 Datasheet HTML 14Page - Analog Devices ADG5404 Datasheet HTML 15Page - Analog Devices ADG5404 Datasheet HTML 16Page - Analog Devices ADG5404 Datasheet HTML 17Page - Analog Devices ADG5404 Datasheet HTML 18Page - Analog Devices ADG5404 Datasheet HTML 19Page - Analog Devices ADG5404 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADG5404
Rev. 0 | Page 17 of 20
TERMINOLOGY
IDD
The positive supply current.
ISS
The negative supply current.
VD (VS)
The analog voltage on Terminal D and Terminal S.
RON
The ohmic resistance between Terminal D and Terminal S.
RFLAT(ON)
Flatness that is defined as the difference between the maximum
and minimum value of on resistance measured over the
specified analog signal range.
IS (Off)
The source leakage current with the switch off.
ID (Off)
The drain leakage current with the switch off.
ID, IS (On)
The channel leakage current with the switch on.
VINL
The maximum input voltage for Logic 0.
VINH
The minimum input voltage for Logic 1.
IINL (IINH)
The input current of the digital input.
CS (Off)
The off switch source capacitance, which is measured with
reference to ground.
CD (Off)
The off switch drain capacitance, which is measured with
reference to ground.
CD, CS (On)
The on switch capacitance, which is measured with reference to
ground.
CIN
The digital input capacitance.
tTRANSITION
The delay time between the 50% and 90% points of the digital
input and switch-on condition when switching from one
address state to another.
tON (EN)
The delay between applying the digital control input and the
output switching on. See Figure 32.
tOFF (EN)
The delay between applying the digital control input and the
output switching off.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during switching.
Off Isolation
A measure of unwanted signal coupling through an off switch.
Crosstalk
A measure of unwanted signal that is coupled through from one
channel to another as a result of parasitic capacitance.
Bandwidth
The frequency at which the output is attenuated by 3 dB.
On Response
The frequency response of the on switch.
Insertion Loss
The loss due to the on resistance of the switch.
THD + N
The ratio of the harmonic amplitude plus noise of the signal to
the fundamental.
ACPSRR (AC Power Supply Rejection Ratio)
The ratio of the amplitude of signal on the output to the
amplitude of the modulation. This is a measure of the part’s
ability to avoid coupling noise and spurious signals that appear
on the supply voltage pin to the output of the switch. The dc voltage
on the device is modulated by a sine wave of 0.62 V p-p.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com