Electronic Components Datasheet Search
  English  ▼

X  

ADG5404 Datasheet(PDF) 16 Page - Analog Devices

Part # ADG5404
Description  High Voltage, Latch-up Proof, 4-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5404 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADG5404 Datasheet HTML 12Page - Analog Devices ADG5404 Datasheet HTML 13Page - Analog Devices ADG5404 Datasheet HTML 14Page - Analog Devices ADG5404 Datasheet HTML 15Page - Analog Devices ADG5404 Datasheet HTML 16Page - Analog Devices ADG5404 Datasheet HTML 17Page - Analog Devices ADG5404 Datasheet HTML 18Page - Analog Devices ADG5404 Datasheet HTML 19Page - Analog Devices ADG5404 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADG5404
Rev. 0 | Page 16 of 20
ENABLE
DRIVE (VIN)
S1
D
GND
CL
35pF
RL
300
Ω
A0
A1
S4
S3
S2
EN
0.1µF
0.1µF
VIN
300
Ω
tOFF (EN)
tON (EN)
50%
50%
0.9VOUT
0.9VOUT
OUTPUT
0V
3V
VOUT
0V
VDD VSS
VDD VSS
VS
VOUT
Figure 32. Enable-to-Output Switching Delay
Sx
D
VS
GND
RS
SW OFF
SW OFF
SW ON
SW OFF
SW OFF
A2
A1
EN
VDD
VSS
VDD
DECODER
VSS
VOUT
VOUT
VIN
VIN
∆V
OUT
CL
1nF
QINJ = CL × ∆VOUT
Figure 33. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com