Electronic Components Datasheet Search
  English  ▼

X  

ADG5404 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG5404
Description  High Voltage, Latch-up Proof, 4-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5404 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG5404 Datasheet HTML 5Page - Analog Devices ADG5404 Datasheet HTML 6Page - Analog Devices ADG5404 Datasheet HTML 7Page - Analog Devices ADG5404 Datasheet HTML 8Page - Analog Devices ADG5404 Datasheet HTML 9Page - Analog Devices ADG5404 Datasheet HTML 10Page - Analog Devices ADG5404 Datasheet HTML 11Page - Analog Devices ADG5404 Datasheet HTML 12Page - Analog Devices ADG5404 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADG5404
Rev. 0 | Page 9 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADG5404
NC = NO CONNECT
1
2
3
4
5
6
7
EN
VSS
S1
NC
D
S2
A0
14
13
12
11
10
9
8
GND
VDD
S3
NC
NC
S4
A1
TOP VIEW
(Not to Scale)
Figure 2. TSSOP Pin Configuration
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD TIED TO SUBSTRATE, VSS.
1
VSS
2
NC
3
S1
4
S2
11 VDD
12 GND
10 S3
9S4
TOP VIEW
(Not to Scale)
ADG5404
Figure 3. LFCSP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
15
A0
Logic Control Input.
2
16
EN
Active High Digital Input. When this pin is low, the device is disabled and all switches are off.
When this pin is high, the Ax logic inputs determine the on switches.
3
1
VSS
Most Negative Power Supply Potential.
4
3
S1
Source Terminal. Can be an input or an output.
5
4
S2
Source Terminal. Can be an input or an output.
6
6
D
Drain Terminal. Can be an input or an output.
7 to 9
2, 5, 7, 8, 13
NC
No Connection.
10
9
S4
Source Terminal. Can be an input or an output.
11
10
S3
Source Terminal. Can be an input or an output.
12
11
VDD
Most Positive Power Supply Potential.
13
12
GND
Ground (0 V) Reference.
14
14
A1
Logic Control Input.
EP
Exposed Pad
The exposed pad is connected internally. For increased reliability of the solder joints and
maximum thermal capability, it is recommended that the pad be soldered to the substrate, VSS.
TRUTH TABLE
Table 8.
EN
A1
A0
S1
S2
S3
S4
0
X1
X1
Off
Off
Off
Off
1
0
0
On
Off
Off
Off
1
0
1
Off
On
Off
Off
1
1
0
Off
Off
On
Off
1
1
1
Off
Off
Off
On
1 X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com