Electronic Components Datasheet Search
  English  ▼

X  

ADG5404 Datasheet(PDF) 19 Page - Analog Devices

Part # ADG5404
Description  High Voltage, Latch-up Proof, 4-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5404 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADG5404 Datasheet HTML 12Page - Analog Devices ADG5404 Datasheet HTML 13Page - Analog Devices ADG5404 Datasheet HTML 14Page - Analog Devices ADG5404 Datasheet HTML 15Page - Analog Devices ADG5404 Datasheet HTML 16Page - Analog Devices ADG5404 Datasheet HTML 17Page - Analog Devices ADG5404 Datasheet HTML 18Page - Analog Devices ADG5404 Datasheet HTML 19Page - Analog Devices ADG5404 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADG5404
Rev. 0 | Page 19 of 20
APPLICATIONS INFORMATION
The ADG54xx family of switches and multiplexers provide a
robust solution for instrumentation, industrial, automotive,
aerospace, and other harsh environments that are prone to
latch-up, which is an undesirable high current state that can
lead to device failure and persists until the power supply is
turned off. The ADG5404 high voltage multiplexer allows
single-supply operation from 9 V to 40 V and dual-supply
operation from ±9 V to ±22 V. The ADG5404, as well as three
other ADG54xx family members, ADG5412/ADG5413 and
ADG5436, achieve an 8 kV human body model ESD rating that
provides a robust solution and eliminates the need for separate
protection circuitry designs in some applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com