Electronic Components Datasheet Search
  English  ▼

X  

PT2268 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2268
Description  Remote Control Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2268 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2268 Datasheet HTML 1Page - Princeton Technology Corp PT2268 Datasheet HTML 2Page - Princeton Technology Corp PT2268 Datasheet HTML 3Page - Princeton Technology Corp PT2268 Datasheet HTML 4Page - Princeton Technology Corp PT2268 Datasheet HTML 5Page - Princeton Technology Corp PT2268 Datasheet HTML 6Page - Princeton Technology Corp PT2268 Datasheet HTML 7Page - Princeton Technology Corp PT2268 Datasheet HTML 8Page - Princeton Technology Corp PT2268 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2268 V2.5
- 3 -
April, 2006
Remote Control Encoder
PT2268
PIN CONFIGURATION
I1
I2
I3
VC C
VS S
OSC1
OSC1
I6
C5
I7
I4
TxOU T
C6
I5
C4
1
16
2
15
3
14
4
13
89
710
6
11
5
12
PT2268
I8
PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
I1 ~ I8
I
Key Input Pins.
These pins are used to connect a maximum of 8 keys. (Each pin has a
built-in pull-low resistor.)
1 ~ 8
VSS
-
Negative Power Supply
9
C4 ~ C5
I
Select Input Pin for Start Word
These pins have internal pull-low resistors.
12 ~ 11
C6
I
Select Input Pin for Start Word
This pin has an internal pull-high resistor.
10
Tx OUT
O
Transmission Output Pin.
This pin is an open drain (NMOS) output and is used to transmit
signals. The carrier frequency is 38 KHz.
13
OSC1
I
Oscillator No.1 Pin
15
OSC2
O
Oscillator No.2 Pin
These pins are used to externally connect a
455 KHz Ceramic Resonator
14
VCC
-
Positive Power Supply
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com