Electronic Components Datasheet Search
  English  ▼

X  

PT2268 Datasheet(PDF) 8 Page - Princeton Technology Corp

Part # PT2268
Description  Remote Control Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2268 Datasheet(HTML) 8 Page - Princeton Technology Corp

Back Button PT2268 Datasheet HTML 4Page - Princeton Technology Corp PT2268 Datasheet HTML 5Page - Princeton Technology Corp PT2268 Datasheet HTML 6Page - Princeton Technology Corp PT2268 Datasheet HTML 7Page - Princeton Technology Corp PT2268 Datasheet HTML 8Page - Princeton Technology Corp PT2268 Datasheet HTML 9Page - Princeton Technology Corp PT2268 Datasheet HTML 10Page - Princeton Technology Corp PT2268 Datasheet HTML 11Page - Princeton Technology Corp PT2268 Datasheet HTML 12Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2268 V2.5
- 8 -
April, 2006
Remote Control Encoder
PT2268
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Supply voltage
Vcc
0 ~ 6.0
V
Input/Output voltage
Vin/Vout
Vss-0.2 ~ Vcc+0.3
V
Power dissipation
PD
500
mW
Operating temperature
Topr
-40 ~ +85
℃
Storage temperature
Tstg
-65 ~ +150
℃
ELECTRICAL CHARACTERISTICS
Normal Operating Condition: Ta=0℃ ~ +70℃, VCC-VSS=3V
±10%
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Operating voltage
VCC
2.2
3
5
V
Operating current
IOP
OSC On
TxOUT is floating.
(See Note)
500
1000
µA
Stand-by current
ISB
I1 ~ I8=“L”
OSC Stops.
TxOUT is floating.
0.5
1
3
µA
Sinking current of TxOUT
ISINK
VOL=2.2 V, VDD=3V
VOL=1.5 V, VDD=3V
8
4
15
6
mA
Input voltage of I1 ~ I8
VIH
VIL
0.7VCC
0
-
-
VCC
0.3VCC
V
Input pull-low resistor
RL
30
50
80
K
Ω
Input pull-high resistor
RH
40
90
150
K
Ω
OSC frequency
455
KHz
Note: For pins I1~I8: Any one of the said pins is set to HIGH while the others are set to LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com