Electronic Components Datasheet Search
  English  ▼

X  

PT2268 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2268
Description  Remote Control Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2268 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2268 Datasheet HTML 1Page - Princeton Technology Corp PT2268 Datasheet HTML 2Page - Princeton Technology Corp PT2268 Datasheet HTML 3Page - Princeton Technology Corp PT2268 Datasheet HTML 4Page - Princeton Technology Corp PT2268 Datasheet HTML 5Page - Princeton Technology Corp PT2268 Datasheet HTML 6Page - Princeton Technology Corp PT2268 Datasheet HTML 7Page - Princeton Technology Corp PT2268 Datasheet HTML 8Page - Princeton Technology Corp PT2268 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2268 V2.5
- 5 -
April, 2006
Remote Control Encoder
PT2268
TRANSMISSION WAVEFOM
When any of the 8 keys (I1 ~ I8) is set to “High”, the TxOUT outputs one start word followed by 2
identical data words and a space. The code will be continuously outputted until the key is released. If
for any reason, the key was released during the code transmission process, the code that is being
transmitted during the key release action will still be completely outputted. Please refer to the following
diagram.
Start
Word
Start
Word
Start
Word
1st
Word
1st
Word
1st
Word
2nd
Word
2nd
Word
2nd
Word
Space
Space
Space
20ms
1 Frame=80ms
80ms
I1 ~ I8
Tx O UT
Note: OSC=455KHz
TRANSMISSION CODE WAVEFORM
The transmission waveforms of the Start Word and the different Data Words generated when a specific
input key (I1 ~ I8) is pressed are illustrated below (see also Transmission Code Pattern Section).
CLK
START
W1
W2
W3
W4
W5
W6
W7
W8
X
X
X=0.625ms
3X
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com