Electronic Components Datasheet Search
  English  ▼

X  

PT2268 Datasheet(PDF) 12 Page - Princeton Technology Corp

Part # PT2268
Description  Remote Control Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2268 Datasheet(HTML) 12 Page - Princeton Technology Corp

Back Button PT2268 Datasheet HTML 8Page - Princeton Technology Corp PT2268 Datasheet HTML 9Page - Princeton Technology Corp PT2268 Datasheet HTML 10Page - Princeton Technology Corp PT2268 Datasheet HTML 11Page - Princeton Technology Corp PT2268 Datasheet HTML 12Page - Princeton Technology Corp PT2268 Datasheet HTML 13Page - Princeton Technology Corp PT2268 Datasheet HTML 14Page - Princeton Technology Corp PT2268 Datasheet HTML 15Page - Princeton Technology Corp PT2268 Datasheet HTML 16Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2268 V2.5
- 12 -
April, 2006
Remote Control Encoder
PT2268
Symbol
Min.
Nom.
Max.
A
-
-
0.210
A1
0.015
-
-
A2
0.115
0.130
0.195
b
0.014
0.018
0.022
b1
0.014
0.018
0.020
b2
0.045
0.060
0.070
b3
0.030
0.039
0.045
c
0.008
0.010
0.014
c1
0.008
0.010
0.011
D
0.355
0.365
0.400
D1
0.005
-
-
E
0.300
0.310
0.325
E1
0.240
0.250
0.280
e
0.100 BSC.
eA
0.300 BSC.
eB
-
-
0.430
eC
0.000
-
0.060
L
0.115
0.130
0.150
Notes:
1.
Controlling Dimension: INCHES.
2.
Dimensioning and tolerancing per ANSI Y14.5M-1982.
3.
Symbols are defined in the “MO Series Symbol LIST” in Section 2.2 of Publication No.95.
4.
Dimensions A, A1 and L are measured with the package seated in JEDEC Seating Plane Gauge
GS-3.
5.
D, D1 and E1 dimension do not include mold flash or protrusions. Mold flash or protrusions shall
not exceed 0.010 inch.
6.
E and eA measured with the leads constrained to be perpendicular to data -C- .
7.
eB and eC are measured at the lead tips with the leads unconstrained.
8.
N is the number of leads (N=8).
9.
Pointed or rounded lead tips are preferred to ease insertion.
10.
b2 and b3 maximum dimensions do not include dambar protrusions. Dambar protrusions shall
not exceed 0.010 (0.25mm).
11.
Variation BA has a b3 dimension and is 1/2 lead package.
12.
Distance between the leads including dambar protrusions to be 0.005 inch minimum.
13.
Datum plane -H- coincident with the bottom of lead where lead exits the body.
14.
Refer to JEDEC MS-001 variation BA.
JEDEC is the registered trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com