Electronic Components Datasheet Search
  English  ▼

X  

PT2268 Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT2268
Description  Remote Control Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2268 Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT2268 Datasheet HTML 5Page - Princeton Technology Corp PT2268 Datasheet HTML 6Page - Princeton Technology Corp PT2268 Datasheet HTML 7Page - Princeton Technology Corp PT2268 Datasheet HTML 8Page - Princeton Technology Corp PT2268 Datasheet HTML 9Page - Princeton Technology Corp PT2268 Datasheet HTML 10Page - Princeton Technology Corp PT2268 Datasheet HTML 11Page - Princeton Technology Corp PT2268 Datasheet HTML 12Page - Princeton Technology Corp PT2268 Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2268 V2.5
- 9 -
April, 2006
Remote Control Encoder
PT2268
APPLICATION CIRCUIT
PT2268 IR Transmitter Application Circuit
I1
Vcc
455KHz
220pF
R
PNP
47 F(see Layout Note)
µ
220pF
+
_
3V
Battery
IR LED
2
Ω
+
I2
I3
I4
I5
I6
I7
I8
OS C2
TXOUT
C4
C5
C6
Vss
OS C1
Notes:
1. C3 (default value)=1. For more details, please refer to Start Word Custom Code Section.
2. Resistor (R) is the Current Limit Impedance whose value must be greater than 220Ω. Resistor (R)
Recommended Value=1KΩ
Layout Note: Place 47
µF capacitor as near as possible to the PT2268's VSS Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com