Electronic Components Datasheet Search
  English  ▼

X  

PT2579 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2579
Description  RDS Demodulator IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2579 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2579 Datasheet HTML 1Page - Princeton Technology Corp PT2579 Datasheet HTML 2Page - Princeton Technology Corp PT2579 Datasheet HTML 3Page - Princeton Technology Corp PT2579 Datasheet HTML 4Page - Princeton Technology Corp PT2579 Datasheet HTML 5Page - Princeton Technology Corp PT2579 Datasheet HTML 6Page - Princeton Technology Corp PT2579 Datasheet HTML 7Page - Princeton Technology Corp PT2579 Datasheet HTML 8Page - Princeton Technology Corp PT2579 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2579 V1.6
- 3 -
May, 2008
RDS Demodulator IC
PT2579
PIN CONFIGURATION
QUAL
16
1RD CL
RD DA
15
2
T57
VR EF
14
3
OSC2
MUXL
13
4OSC1
AVDD
12
5
DVDD
AVSS
11
6
DVSS
CIN
10
7
TEST
SCOUT
9
8
MOD E
PT2579
PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
QUAL
O
Quality indicator output pin
1
RDDA
O
RDS data output pin
2
VREF
-
Reference voltage
3
MUX
I
Multiplex signal input pin
4
AVDD
-
Analog supply voltage (+5V)
5
AVSS
-
Analog ground pin (0V)
6
CIN
I
Subcarrier input pin to the comparator
7
SCOUT
O
Reconstruction filter subcarrier output pin
8
MODE
I
Oscillator mode / test control input pin
9
TEST
I
Test pin
10
DVSS
-
Digital ground pin (0V)
11
DVDD
-
Digital supply voltage (+5V)
12
OSC1
I
Oscillator input pin
13
OSC2
O
Oscillator output pin
14
T57
O
57KHz clock signal output pin
15
RDCL
O
RDS clock output pin
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com