Electronic Components Datasheet Search
  English  ▼

X  

PT2579 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2579
Description  RDS Demodulator IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2579 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2579 Datasheet HTML 1Page - Princeton Technology Corp PT2579 Datasheet HTML 2Page - Princeton Technology Corp PT2579 Datasheet HTML 3Page - Princeton Technology Corp PT2579 Datasheet HTML 4Page - Princeton Technology Corp PT2579 Datasheet HTML 5Page - Princeton Technology Corp PT2579 Datasheet HTML 6Page - Princeton Technology Corp PT2579 Datasheet HTML 7Page - Princeton Technology Corp PT2579 Datasheet HTML 8Page - Princeton Technology Corp PT2579 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2579 V1.6
- 5 -
May, 2008
RDS Demodulator IC
PT2579
TIMING
The fixed and variable dividers are applied to the 4.332/8.664MHz crystal oscillator to generate the
1.1875KHz RDS Clock – RDCL. The RDCL is synchronized with the incoming data. No matter what
clock edge is considered, the data will be valid for a period of 399 us after clock transition. The data
change timing is 4µs before a clock change. Which clock transition (i.e. positive or negative going
clock), the data change occurs in, depends on the lock conditions and is arbitrary (bit slip).
When the reception is poor, it is possible that faults in phase occur, then the clock signal stays
uninterrupted and data is constant for 1.5 clock periods. Normally, faults in phase do not occur in a
cyclic manner. If however, the faults in the phase occur in this way, the minimum spacing between two
possible faults in phase depends on the data being transmitted. The minimum spacing cannot be less
than 16 clock period. The quality bit changes only at the time of a data change.
The diagram below shows the RDS timing waveform which includes a phase jump.
4s
µ
421 s
µ
4s
µ 842 s
µ
RDDA
QUAL
RDCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com