Electronic Components Datasheet Search
  English  ▼

X  

PT2579 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT2579
Description  RDS Demodulator IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2579 Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT2579 Datasheet HTML 3Page - Princeton Technology Corp PT2579 Datasheet HTML 4Page - Princeton Technology Corp PT2579 Datasheet HTML 5Page - Princeton Technology Corp PT2579 Datasheet HTML 6Page - Princeton Technology Corp PT2579 Datasheet HTML 7Page - Princeton Technology Corp PT2579 Datasheet HTML 8Page - Princeton Technology Corp PT2579 Datasheet HTML 9Page - Princeton Technology Corp PT2579 Datasheet HTML 10Page - Princeton Technology Corp PT2579 Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2579 V1.6
- 7 -
May, 2008
RDS Demodulator IC
PT2579
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, AVDD=DVDD=5V, Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Analog supply
voltage
AVDD
AVDD
3.3
5.0
5.5
V
Digital supply
voltage
DVDD
DVDD
3.3
5.0
5.5
V
Total supply current
Itot
I5 + I12
-
6
-
mA
Reference voltage
Vref
VREF, AVDD=5V
-
2.5
-
V
MPX Input (Signal before the Capacitor on Pin 4)
RDS amplitude
(RMS value)
ViMPX(rms)
f=+1.2KHz RDS
f=+3.5KHz ARI (see Note)
1
-
-
mV
f=57±2KHz
200
-
-
mV
f<50KHz
1.4
-
-
V
f<15KHz
2.8
-
-
V
Maximum input
signal capability
(peak to peak value)
ViMPX(p-p)
f>70KHz
3.5
-
-
V
Input impedance
R4-6
f=0 to 100KHz
40
-
-
KΩ
Signal gain
G8-4
f=57KHz
17
20
23
dB
57KHz Band-Pass Filter
Center frequency
fc
Ta=-40 to +85℃
56.5
57.0
57.5
KHz
-3dB bandwidth
B
-
2.5
3.0
3.5
KHz
f=±7KHz
31
-
-
dB
f<45KHz
40
-
-
dB
f<20KHz
50
-
-
dB
Stop band gain
G
f>70KHz
40
-
-
dB
Output resistance
(pin 8)
Ro (8)
f=57KHz
-
26
-
Ω
Comparator Input (Pin 7)
Minimum input level
(RMS value)
Vi(rms)
f=57KHz
-
1
10
mV
Input resistance
Ri
-
70
110
150
KΩ
Oscillator Input (Pin 13)
High level input
voltage
VIH
DVDD=5.0V
4.0
-
-
V
Low level input
Voltage
VIL
DVDD=5.0V
-
-
1.0
V
Input current
II
DVDD=5.5V
-
-
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com