Electronic Components Datasheet Search
  English  ▼

X  

PT2579 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2579
Description  RDS Demodulator IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2579 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2579 Datasheet HTML 1Page - Princeton Technology Corp PT2579 Datasheet HTML 2Page - Princeton Technology Corp PT2579 Datasheet HTML 3Page - Princeton Technology Corp PT2579 Datasheet HTML 4Page - Princeton Technology Corp PT2579 Datasheet HTML 5Page - Princeton Technology Corp PT2579 Datasheet HTML 6Page - Princeton Technology Corp PT2579 Datasheet HTML 7Page - Princeton Technology Corp PT2579 Datasheet HTML 8Page - Princeton Technology Corp PT2579 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2579 V1.6
- 1 -
May, 2008
RDS Demodulator IC
PT2579
DESCRIPTION
PT2579 is a Radio Data System Demodulator IC utilizing CMOS Technology specially designed for
radio data system applications. The RDS data signal (RDDA) and the RDS clock signal (RDCL) are
provided as outputs for further processing by an ideal decoder / microcontroller. Anti-aliasing Filter
(2nd order), 57KHz band pass filter (8th order), reconstruction filter (2nd order), clocked comparator
with automatic offset compensation, biphase symbol decoder, differential decoder, and signal quality
detector are all built into a single chip having the highest performance and reliability. Pin assignments
and application circuit are optimized for easy PCB layout and cost saving advantages.
FEATURES
• CMOS technology
• Low power consumption
• Anti-Aliasing filter (2nd Order)
• Reconstruction filter (2nd Order)
• 57KHz Band-Pass filet (8th Order)
• 57KHz carrier regeneration
• Differential decoder
• Signal quality detector
• Subcarrier output
• Selectable 4.332 / 8.664MHz Crystal Oscillator with variable dividers
• Synchronous demodulator for 57KHz Modulated RDS signals
• Clocked comparator with automatic offset compensation
• Clock generation with Lock on Biphase data rate
• Biphase symbol decoder with integrate and dump functions
• Available in 16 pins, DIP or SOP
APPLICATIONS
• Car radio
• Home stereo tuner


Similar Part No. - PT2579

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2579 PTC-PT2579 Datasheet
158Kb / 4P
RDS Demodulator IC
PT2579-S PTC-PT2579-S Datasheet
158Kb / 4P
RDS Demodulator IC
PT2579-SL PTC-PT2579-SL Datasheet
158Kb / 4P
RDS Demodulator IC
PT2579-SN PTC-PT2579-SN Datasheet
158Kb / 4P
RDS Demodulator IC
PT2579-SNL PTC-PT2579-SNL Datasheet
158Kb / 4P
RDS Demodulator IC
More results

Similar Description - PT2579

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2539 NEC-UPC2539 Datasheet
65Kb / 8P
RDS DATA DEMODULATOR IC
logo
NXP Semiconductors
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
RDS/RBDS demodulator
2001 May 07
logo
Samsung semiconductor
S1A0905 SAMSUNG-S1A0905 Datasheet
54Kb / 6P
RDS DEMODULATOR IC
logo
Sanyo Semicon Device
STK311-110 SANYO-STK311-110 Datasheet
149Kb / 5P
RDS Demodulator
STK311-120 SANYO-STK311-120 Datasheet
97Kb / 6P
RDS Demodulator
logo
STMicroelectronics
TDA7478 STMICROELECTRONICS-TDA7478 Datasheet
168Kb / 8P
SINGLE CHIP RDS DEMODULATOR
Rev. 2
logo
Sanyo Semicon Device
LA2231 SANYO-LA2231 Datasheet
259Kb / 6P
RDS Signal Demodulator
logo
Princeton Technology Co...
PT2579 PTC-PT2579 Datasheet
158Kb / 4P
RDS Demodulator IC
logo
STMicroelectronics
TDA7478 STMICROELECTRONICS-TDA7478_11 Datasheet
151Kb / 11P
Single chip RDS demodulator
30-Jun-2011
logo
NXP Semiconductors
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
RDS/RBDS demodulator
2003 Oct 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com