Electronic Components Datasheet Search
  English  ▼

X  

PT2579 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2579
Description  RDS Demodulator IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2579 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2579 Datasheet HTML 1Page - Princeton Technology Corp PT2579 Datasheet HTML 2Page - Princeton Technology Corp PT2579 Datasheet HTML 3Page - Princeton Technology Corp PT2579 Datasheet HTML 4Page - Princeton Technology Corp PT2579 Datasheet HTML 5Page - Princeton Technology Corp PT2579 Datasheet HTML 6Page - Princeton Technology Corp PT2579 Datasheet HTML 7Page - Princeton Technology Corp PT2579 Datasheet HTML 8Page - Princeton Technology Corp PT2579 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2579 V1.6
- 4 -
May, 2008
RDS Demodulator IC
PT2579
FUNCTION DESCRIPTION
PT2579 is a demodulator chip specially designed for radio data system applications. It provides 57KHz
bandpass filter and a digital demodulator to regenerate the RDS data stream out of the multiplex signal
(MPX). PT2579 consists of the Filter and Digital Sections.
FILTER SECTION
The MUX Signal is band limited by a second order anti-aliasing filter and fed through a 57KHz 8th order
bandpass filter with a 3KHz bandwidth. This separates the RDS signals. This filter uses switch
capacitor technique and uses a clock frequency of 541.5KHz which is derived from the 4.332/8.664
MHz crystal oscillator. The signal is then fed into the reconstruction filter to smooth the sampled and
filtered RDS signal before it is outputted on the SCOUT pin. The signal is AC-coupled to the
comparator pin (CIN). The comparator uses a frequency of 228KHz (synchronized by the 57KHz of the
demodulator).
DIGITAL SECTION
The Costas Loop Circuit together with the carrier regeneration demodulates the internal coupled
digitized signal. The suppressed carrier is recovered from the 2 sidebands (Costas Loop). The
demodulated signal is low-pass filtered in such a way that the over all pulse shape (transmitter and
receiver) approaches a cosinusoidal form in conjunction with the following integrate and dump circuit.
The data spectrum shaping is divided into two equal parts and handled in the transmitter and in the
receiver. Ideally, the data filtering should be equal in both of these parts. The overall data channel
spectrum shaping of the transmitter and the receiver is approximately 100% roll off.
Theintegrate and dump circuit performs anintegration over a clock period. This results in a
demodulation and valid RDS signal in form of biphase symbols being outputted from the integrate and
dump circuit. The final stages of the RDS data processing are the biphase symbol decoding and the
differential decoding. After synchronization by the data clock RDCL, data appears on the RDDA output.
The output of the biphase symbol decoder is evaluated by a special circuit to provide an indication of
good data (QUAL=HIGH) or corrupt data (QUAL=LOW).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com