Electronic Components Datasheet Search
  English  ▼

X  

PT6324 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT6324
Description  VFD Driver/Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6324 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT6324 Datasheet HTML 1Page - Princeton Technology Corp PT6324 Datasheet HTML 2Page - Princeton Technology Corp PT6324 Datasheet HTML 3Page - Princeton Technology Corp PT6324 Datasheet HTML 4Page - Princeton Technology Corp PT6324 Datasheet HTML 5Page - Princeton Technology Corp PT6324 Datasheet HTML 6Page - Princeton Technology Corp PT6324 Datasheet HTML 7Page - Princeton Technology Corp PT6324 Datasheet HTML 8Page - Princeton Technology Corp PT6324 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PT6324
V1.5
June 2010
2
16-GRID X 24-SEGMENT VFD APPLICATION CIRCUIT
Notes:
1. The value of Rosc is depend on PT6324 IC chip supply voltage of VDD (Rosc=82KΩ, when VDD=5V; Rosc=100KΩ, when VDD=3.3V).
2. Z1, Z2=Zener diode 5.1V
3. Please adding the current amplifying circuit as following figure when IOHGR>15mA on VFD panel for high brightness issue.
*=C.A. Circuit=Current amplifying circuit
C.A. Circuit-1 & C.A. Circuit-2 Ex.:
Parts recommended:
•
Q=SAMSUNG-KSR1105 (General fast switching transistor)
•
D=HITACHI-HSM221C (General fast recovery diode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com