Electronic Components Datasheet Search
  English  ▼

X  

PT6324 Datasheet(PDF) 8 Page - Princeton Technology Corp

Part # PT6324
Description  VFD Driver/Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6324 Datasheet(HTML) 8 Page - Princeton Technology Corp

Back Button PT6324 Datasheet HTML 4Page - Princeton Technology Corp PT6324 Datasheet HTML 5Page - Princeton Technology Corp PT6324 Datasheet HTML 6Page - Princeton Technology Corp PT6324 Datasheet HTML 7Page - Princeton Technology Corp PT6324 Datasheet HTML 8Page - Princeton Technology Corp PT6324 Datasheet HTML 9Page - Princeton Technology Corp PT6324 Datasheet HTML 10Page - Princeton Technology Corp PT6324 Datasheet HTML 11Page - Princeton Technology Corp PT6324 Datasheet HTML 12Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PT6324
V1.5
June 2010
8
COMMAND 2: DATA SETTING COMMANDS
The Data Setting Commands executes the Data Write or Data Read Modes for PT6324. The data Setting Command, the
bits 5 and 6 (b4, b5) are given the value of “0”, bit 7 (b6) is given the value of “1” while bit 8 (b7) is given the value of “0”.
Please refer to the diagram below.
When power is turned ON, bit 4 to bit 1 (b3 to b0) are given the value of “0”.
MSB
LSB
0
1
0
0
b3
b2
b1
b0
Data write & read mode settings:
00: Write data to display mode
01: Reset function (one time reset)
10: Read key data
11: Not relevant
Address increment mode settings (Display mode):
0: Increment address after data has been written
1: Fixed address
Mode settings:
0: Normal operation mode
1: Test mode
PT6324 KEY MATRIX & KEY INPUT DATA STORAGE RAM
PT6324 Key Matrix consists of 16 x 2 array as shown below:
Each data inputted by each key are stored as follows. They are read by a READ Command, starting from the last
significant bit. When the most significant bit of the data (SG16, b7) has been read, the least significant bit of the next data
(SG1, b0) is read.
K1……………….K2
K1………………..K2
K1……………….K2
K1……………….K2
Reading
Sequence
SG1/KS1
SG2/KS2
SG3/KS3
SG4/KS4
SG5/KS5
SG6/KS6
SG7/KS7
SG8/KS8
SG9/KS9
SG10/KS10
SG11/KS11
SG12/KS12
SG13/KS13
SG14/KS14
SG15/KS15
SG16/KS16
b0………………..b
1
b2…………………b
3
b4………………..b
5
b6………………..b
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com