Electronic Components Datasheet Search
  English  ▼

X  

PT6324 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT6324
Description  VFD Driver/Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6324 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT6324 Datasheet HTML 1Page - Princeton Technology Corp PT6324 Datasheet HTML 2Page - Princeton Technology Corp PT6324 Datasheet HTML 3Page - Princeton Technology Corp PT6324 Datasheet HTML 4Page - Princeton Technology Corp PT6324 Datasheet HTML 5Page - Princeton Technology Corp PT6324 Datasheet HTML 6Page - Princeton Technology Corp PT6324 Datasheet HTML 7Page - Princeton Technology Corp PT6324 Datasheet HTML 8Page - Princeton Technology Corp PT6324 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PT6324
VFD Driver/Controller IC
Tel: 886-66296288‧Fax: 886-29174598‧ http://www.princeton.com.tw‧2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
PT6324 is a Vacuum Fluorescent Display (VFD)
Controller driven on a 1/8 to 1/16 duty factor housed in
52-pin plastic LQFP. 24 segment output lines, 16 grid
output lines, one display memory, control circuit, key
scan circuit are all incorporated into a single chip to
build a highly reliable peripheral device for a single
chip micro computer. Serial data is fed to PT6324 via a
three-line serial interface.
APPLICATIONS
• Microcomputer peripheral devices
• Digital Audio/Video system: CD/MD/VCD/DVD
players
• Car audio
• VCR
• Electric scale meter
• P.O.S.
• Electronic equipment with instructional display
FEATURES
• CMOS technology
• Low power consumption
• Wide operating voltage VDD=2.7V~5.5V
• Key scanning (16 x 2 matrix)
• Display modes: (24 segments, 8 digits to 24
segments, 16 digits)
• 8-Step dimming circuitry
• Serial interface for Clock, Data Input, Data Output,
Strobe pins
• No external resistors needed for driver outputs
BLOCK DIAGRAM


Similar Part No. - PT6324

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6324 PTC-PT6324 Datasheet
347Kb / 4P
VFD Driver/Controller IC
PT6324-LQ PTC-PT6324-LQ Datasheet
347Kb / 4P
VFD Driver/Controller IC
PT6324-Q PTC-PT6324-Q Datasheet
347Kb / 4P
VFD Driver/Controller IC
More results

Similar Description - PT6324

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6311 PTC-PT6311 Datasheet
116Kb / 3P
VFD Driver/Controller IC
PT6351 PTC-PT6351 Datasheet
53Kb / 3P
VFD Driver/Controller IC
PT6355 PTC-PT6355 Datasheet
57Kb / 3P
VFD Driver/Controller IC
PT6313-S PTC-PT6313-S Datasheet
314Kb / 20P
VFD Driver/Controller IC
PT6318 PTC-PT6318 Datasheet
625Kb / 4P
VFD Driver/Controller IC
PT6324 PTC-PT6324 Datasheet
347Kb / 4P
VFD Driver/Controller IC
PT6311 PTC-PT6311_10 Datasheet
411Kb / 22P
VFD Driver/Controller IC
PT6312 PTC-PT6312_10 Datasheet
323Kb / 21P
VFD Driver/Controller IC
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
VFD Driver/Controller IC
PT6312B PTC-PT6312B Datasheet
323Kb / 21P
VFD Driver/Controller IC
V1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com