Electronic Components Datasheet Search
  English  ▼

X  

PT6324 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT6324
Description  VFD Driver/Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6324 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT6324 Datasheet HTML 2Page - Princeton Technology Corp PT6324 Datasheet HTML 3Page - Princeton Technology Corp PT6324 Datasheet HTML 4Page - Princeton Technology Corp PT6324 Datasheet HTML 5Page - Princeton Technology Corp PT6324 Datasheet HTML 6Page - Princeton Technology Corp PT6324 Datasheet HTML 7Page - Princeton Technology Corp PT6324 Datasheet HTML 8Page - Princeton Technology Corp PT6324 Datasheet HTML 9Page - Princeton Technology Corp PT6324 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PT6324
V1.5
June 2010
6
FUNCTION DESCRIPTION
COMMANDS
Commands determine the display mode and status of PT6324. A command is the first byte (b0 to b7) inputted to PT6324
via the DIN Pin after STB Pin has changed from “HIGH” to “LOW” State. If for some reason the STB Pin is set to “HIGH”
while data or commands are being transmitted, the serial communication is initialized, and the data/commands being
transmitted are considered invalid.
COMMAND 1: DISPLAY MODE SETTING COMMANDS
PT6324 provides 8 display mode settings as shown in the diagram below: As stated earlier a command is the first one
byte (b0 to b7) transmitted to PT6324 via the DIN Pin when STB is “LOW”. However, for these commands, the bits 5 to
8 (b4 to b7) are given a value of “0”.
The Display Mode Setting Commands determine the number of segments and grids to be used (1/8 to 1/16 duty, 24
segments). When these commands are executed, the display is forcibly turned off. A display command “ON” must be
executed in order to resume display. If the same mode setting is selected, no command execution is take place,
therefore, nothing happens.
When Power is turned “ON”, the 16-digit, 24-segment modes is selected.
MSB
LSB
0
0
0
0
b3
b2
b1
b0
Display mode settings:
0000: 8 digits, 24 segments
1000: 9 digits, 24 segments
1001: 10 digits, 24 segments
1010: 11 digits, 24 segments
1011: 12 digits, 24 segments
1100: 13 digits, 24 segments
1101: 14 digits, 24 segments
1110: 15 digits, 24 segments
1111: 16 digits, 24 segments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com