Electronic Components Datasheet Search
  English  ▼

X  

PT6324 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT6324
Description  VFD Driver/Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6324 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT6324 Datasheet HTML 8Page - Princeton Technology Corp PT6324 Datasheet HTML 9Page - Princeton Technology Corp PT6324 Datasheet HTML 10Page - Princeton Technology Corp PT6324 Datasheet HTML 11Page - Princeton Technology Corp PT6324 Datasheet HTML 12Page - Princeton Technology Corp PT6324 Datasheet HTML 13Page - Princeton Technology Corp PT6324 Datasheet HTML 14Page - Princeton Technology Corp PT6324 Datasheet HTML 15Page - Princeton Technology Corp PT6324 Datasheet HTML 16Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PT6324
V1.5
June 2010
13
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise stated, Ta=25℃, GND=0V)
Parameter
Symbol
Ratings
Unit
Logic supply voltage
VDD
-0.3 to +7
V
Driver supply voltage
VEE
VDD +0.3 to VDD -40
V
Logic input voltage
VI
-0.3 to VDD +0.3
V
VFD driver output voltage
VO
VEE -0.3 to VDD +0.3
V
VFD driver output current
IOVFD
-40 (Grid); -15 (Segment)
mA
Operating temperature
Topr
-40 to +85
℃
Storage temperature
Tstg
-65 to +150
℃
RECOMMENDED OPERATING RANGE
(Unless otherwise stated, Ta=25℃, GND=0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Logic supply voltage
VDD
2.7
5
5.5
V
High-level input voltage (VDD=5V)
VIH
0.75VDD
-
VDD
V
Low-level input voltage (VDD=5V)
VIL
0
-
0.25VDD
V
High-level input voltage (VDD=3.3V)
VIH
0.8VDD
-
VDD
V
Low-level input voltage (VDD=3.3V)
VIL
0
-
0.2VDD
V
Driver supply voltage
VEE
VDD -35
-
0
V
ELECTRICAL CHARACTERISTICS
(Unless otherwise stated, VDD=5V, GND=0V, VEE=VDD-35 V, Ta=25℃)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Low-level output voltage
VOLDOUT
DOUT
IOLDOUT=4mA
-
-
0.4
V
High-level output current
IOHSG
VO=VDD -2V, SG1 to SG24
-3
-
-
mA
High-level output current
IOHGR
VO=VDD -2V, GR1 to GR16
-15
-
-
mA
High-level input voltage
VIH
-
0.75VDD
-
-
V
Low-level input voltage
VIL
-
-
-
0.25VDD
V
Input current
II
VDD or GND
-
-
±1
μA
Dynamic current consumption
IDDdyn
Under no load, Display OFF
-
-
5
mA
(Unless otherwise stated, VDD=3.3V, GND=0V, VEE=VDD-35 V, Ta=25℃)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Low-level output voltage
VOLDOUT
DOUT
IOLDOUT=4mA
-
-
0.4
V
High-level output current
IOHSG
VO=VDD -2V, SG1 to SG24
-1.5
-
-
mA
High-level output current
IOHGR
VO=VDD -2V, GR1 to GR16
-6
-
-
mA
High-level input voltage
VIH
-
0.8VDD
-
-
V
Low-level input voltage
VIL
-
-
-
0.2VDD
V
Input current
II
VDD or GND
-
-
±1
μA
Dynamic current consumption
IDDdyn
Under no load, Display OFF
-
-
3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com