Electronic Components Datasheet Search
  English  ▼

X  

SST25VF040 Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc

Part # SST25VF040
Description  4 Mbit SPI Serial Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040 Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc

Back Button SST25VF040 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 21Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
EOL Product Data Sheet
4 Mbit SPI Serial Flash
SST25VF040
17
©2006 Silicon Storage Technology, Inc.
S71231(04)-01-EOL
09/10
TABLE 10: Reliability Characteristics
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T10.0 1231(04)
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 11: AC Operating Characteristics VDD = 2.7-3.6V
Symbol
Parameter
Limits
Min
Max
Units
FCLK
Serial Clock Frequency
20
MHz
TSCKH
Serial Clock High Time
20
ns
TSCKL
Serial Clock Low Time
20
ns
TSCKR
Serial Clock Rise Time
5
ns
TSCKF
Serial Clock Fall Time
5
ns
TCES1
1. Relative to SCK.
CE# Active Setup Time
20
ns
TCEH1
CE# Active Hold Time
20
ns
TCHS1
CE# Not Active Setup Time
10
ns
TCHH1
CE# Not Active Hold Time
10
ns
TCPH
CE# High Time
100
ns
TCHZ
CE# High to High-Z Output
20
ns
TCLZ
SCK Low to Low-Z Output
0
ns
TDS
Data In Setup Time
4
ns
TDH
Data In Hold Time
5
ns
THLS
HOLD# Low Setup Time
10
ns
THHS
HOLD# High Setup Time
10
ns
THLH
HOLD# Low Hold Time
15
ns
THHH
HOLD# High Hold Time
10
ns
THZ
HOLD# Low to High-Z Output
20
ns
TLZ
HOLD# High to Low-Z Output
20
ns
TOH
Output Hold from SCK Change
0
ns
TV
Output Valid from SCK
23
ns
TSE
Sector-Erase
25
ms
TBE
Block-Erase
25
ms
TSCE
Chip-Erase
100
ms
TBP
Byte-Program
20
µs
T11.2 1231(04)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com