Electronic Components Datasheet Search
  English  ▼

X  

SST25VF040 Datasheet(PDF) 15 Page - Silicon Storage Technology, Inc

Part # SST25VF040
Description  4 Mbit SPI Serial Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040 Datasheet(HTML) 15 Page - Silicon Storage Technology, Inc

Back Button SST25VF040 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 19Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
EOL Product Data Sheet
4 Mbit SPI Serial Flash
SST25VF040
15
©2006 Silicon Storage Technology, Inc.
S71231(04)-01-EOL
09/10
Read-ID
The Read-ID instruction identifies the devices as
SST25VF040 and manufacturer as SST. The device infor-
mation can be read from executing an 8-bit command, 90H
or ABH, followed by address bits [A23-A0]. Following the
Read-ID instruction, the manufacturer’s ID is located in
address 00000H and the device ID is located in address
00001H. Once the device is in Read-ID mode, the manu-
facturer’s and device ID output data toggles between
address 00000H and 00001H until terminated by a low to
high transition on CE#.
FIGURE 15: Read-ID Sequence
1231 F14.1
CE#
SO
SI
SCK
00
01 2 3 4 5 6 7 8
00
ADD1
90 or AB
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63
BF
Device ID
BF
Device ID
Note: The manufacturer s and device ID output stream is continuous until terminated by a low to high transition on CE#.
1. 00H will output the manfacturer s ID first and 01H will output device ID first before toggling between the two.
HIGH
IMPEDANCE
MODE 3
MODE 0
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com