Electronic Components Datasheet Search
  English  ▼

X  

SST25VF040 Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST25VF040
Description  4 Mbit SPI Serial Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040 Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST25VF040 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
EOL Product Data Sheet
4 Mbit SPI Serial Flash
SST25VF040
©2006 Silicon Storage Technology, Inc.
S71231(04)-01-EOL
09/10
PRODUCT IDENTIFICATION
MEMORY ORGANIZATION
The SST25VF040 SuperFlash memory array is organized
in 4 KByte sectors with 32 KByte overlay blocks.
DEVICE OPERATION
The SST25VF040 is accessed through the SPI (Serial
Peripheral Interface) bus compatible protocol. The SPI bus
consist of four control lines; Chip Enable (CE#) is used to
select the device, and data is accessed through the Serial
Data Input (SI), Serial Data Output (SO), and Serial Clock
(SCK).
The SST25VF040 supports both Mode 0 (0,0) and Mode 3
(1,1) of SPI bus operations. The difference between the
two modes, as shown in Figure 3, is the state of the SCK
signal when the bus master is in Stand-by mode and no
data is being transferred. The SCK signal is low for Mode 0
and SCK signal is high for Mode 3. For both modes, the
Serial Data In (SI) is sampled at the rising edge of the SCK
clock signal and the Serial Data Output (SO) is driven after
the falling edge of the SCK clock signal.
FIGURE 3: SPI Protocol
TABLE 2: Product Identification
Address
Data
Manufacturer’s ID
00000H
BFH
Device ID
SST25VF040
00001H
44H
T2.0 1231(04)
1231 F02.1
MODE 3
SCK
SI
SO
CE#
MODE 3
DON T CARE
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MODE 0
MODE 0
HIGH IMPEDANCE
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com