Electronic Components Datasheet Search
  English  ▼

X  

SST25VF040 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST25VF040
Description  4 Mbit SPI Serial Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST25VF040 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
©2006 Silicon Storage Technology, Inc.
S71231(04)-01-EOL
09/10
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
EOL Product Data Sheet
FEATURES:
•
Single 2.7-3.6V Read and Write Operations
•
Serial Interface Architecture
– SPI Compatible: Mode 0 and Mode 3
•
20 MHz Max Clock Frequency
•
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
•
Low Power Consumption:
– Active Read Current: 7 mA (typical)
– Standby Current: 8 µA (typical)
•
Flexible Erase Capability
– Uniform 4 KByte sectors
– Uniform 32 KByte overlay blocks
•
Fast Erase and Byte-Program:
– Chip-Erase Time: 70 ms (typical)
– Sector- or Block-Erase Time: 18 ms (typical)
– Byte-Program Time: 14 µs (typical)
•
Auto Address Increment (AAI) Programming
– Decrease total chip programming time over
Byte-Program operations
•
End-of-Write Detection
– Software Status
•
Hold Pin (HOLD#)
– Suspends a serial sequence to the memory
without deselecting the device
•
Write Protection (WP#)
– Enables/Disables the Lock-Down function of the
status register
•
Software Write Protection
– Write protection through Block-Protection bits in
status register
•
Temperature Range
– Commercial: 0°C to +70°C
– Industrial: -40°C to +85°C
– Extended: -20°C to +85°C
•
Packages Available
– 8-lead SOIC 200 mil body width
– 8-contact WSON (5mm x 6mm)
•
All non-Pb (lead-free) devices are RoHS compliant
PRODUCT DESCRIPTION
The SST serial flash family features a four-wire, SPI-
compatible interface that allows for a low pin-count pack-
age occupying less board space and ultimately lowering
total system costs. SST25VF040 SPI serial flash memo-
ries are manufactured with SST proprietary, high perfor-
mance CMOS SuperFlash Technology. The split-gate
cell design and thick-oxide tunneling injector attain better
reliability and manufacturability compared with alternate
approaches.
The SST25VF040 device significantly improves perfor-
mance, while lowering power consumption. The total
energy consumed is a function of the applied voltage, cur-
rent, and time of application. Since for any given voltage
range, the SuperFlash technology uses less current to
program and has a shorter erase time, the total energy
consumed during any Erase or Program operation is less
than
alternative
flash
memory
technologies.
The
SST25VF040 device operates with a single 2.7-3.6V
power supply.
The SST25VF040 device is offered in an 8-lead SOIC 200
mil body width (S2A) package and in an 8-contact WSON
package. See Figure 2 for the pin assignments.
4 Mbit SPI Serial Flash
SST25VF040
SST25VF020 / 0402Mb / 4Mb Serial Peripheral Interface (SPI) flash memory


Similar Part No. - SST25VF040

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040-20-4C-QAE SST-SST25VF040-20-4C-QAE Datasheet
658Kb / 24P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040-20-4C-QAE SST-SST25VF040-20-4C-QAE Datasheet
379Kb / 23P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040-20-4C-S2AE SST-SST25VF040-20-4C-S2AE Datasheet
658Kb / 24P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040-20-4C-S2AE SST-SST25VF040-20-4C-S2AE Datasheet
379Kb / 23P
2 Mbit / 4 Mbit SPI Serial Flash
More results

Similar Description - SST25VF040

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_10 Datasheet
555Kb / 33P
4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B MICROCHIP-SST25VF040B_11 Datasheet
3Mb / 33P
4 Mbit SPI Serial Flash
2011
SST25VF040B MICROCHIP-SST25VF040B Datasheet
439Kb / 31P
4 Mbit SPI Serial Flash
2015
SST25VF040B MICROCHIP-SST25VF040B_V01 Datasheet
1Mb / 31P
4-Mbit SPI Serial Flash
Revision F June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com