Electronic Components Datasheet Search
  English  ▼

X  

SST25VF040 Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST25VF040
Description  4 Mbit SPI Serial Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040 Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST25VF040 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF040 Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
EOL Product Data Sheet
4 Mbit SPI Serial Flash
SST25VF040
©2006 Silicon Storage Technology, Inc.
S71231(04)-01-EOL
09/10
Instructions
Instructions are used to Read, Write (Erase and Program),
and configure the SST25VF040. The instruction bus cycles
are 8 bits each for commands (Op Code), data, and
addresses. Prior to executing any Byte-Program, Auto
Address Increment (AAI) programming, Sector-Erase,
Block-Erase, or Chip-Erase instructions, the Write-Enable
(WREN) instruction must be executed first. The complete
list of the instructions is provided in Table 6. All instructions
are synchronized off a high to low transition of CE#. Inputs
will be accepted on the rising edge of SCK starting with the
most significant bit. CE# must be driven low before an
instruction is entered and must be driven high after the last
bit of the instruction has been shifted in (except for Read,
Read-ID and Read-Status-Register instructions). Any low
to high transition on CE#, before receiving the last bit of an
instruction bus cycle, will terminate the instruction in
progress and return the device to the standby mode.
Instruction commands (Op Code), addresses, and data are
all input from the most significant bit (MSB) first.
TABLE 6: Device Operation Instructions1
1. AMS = Most Significant Address
AMS =A18 for SST25VF040
Address bits above the most significant bit of each density can be VIL or VIH
Bus Cycle2
2. One bus cycle is eight clock periods.
123
4
5
Cycle Type/Operation3,4
3. Operation: SIN = Serial In, SOUT = Serial Out
4. X = Dummy Input Cycles (VIL or VIH); - = Non-Applicable Cycles (Cycles are not necessary)
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
Read
03H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
X
DOUT
Sector-Erase5,6
5. Sector addresses: use AMS-A12, remaining addresses can be VIL or VIH
6. Prior to any Byte-Program, AAI-Program, Sector-Erase, Block-Erase, or Chip-Erase operation, the Write-Enable (WREN) instruction
must be executed.
20H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
-
-
Block-Erase5,7
7. Block addresses for: use AMS-A15, remaining addresses can be VIL or VIH
52H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
-
-
Chip-Erase6
60H
Hi-Z
-
-
-
-
-
-
-
-
Byte-Program6
02H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
DIN
Hi-Z
Auto Address Increment (AAI) Program6,8
8. To continue programming to the next sequential address location, enter the 8-bit command, AFH,
followed by the data to be programmed.
AFH
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
DIN
Hi-Z
Read-Status-Register (RDSR)
05H
Hi-Z
X
DOUT
-
Note9
9. The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE#.
-
Note9
-
Note9
Enable-Write-Status-Register (EWSR)10
10. The Enable-Write-Status-Register (EWSR) instruction and the Write-Status-Register (WRSR) instruction must work in conjunction of
each other. The WRSR instruction must be executed immediately (very next bus cycle) after the EWSR instruction to make both
instructions effective.
50H
Hi-Z
-
-
-
-
-
-
-
-
Write-Status-Register (WRSR)10
01H
Hi-Z
Data
Hi-Z
-
-
-.
-
-
-
Write-Enable (WREN)
06H
Hi-Z
-
-
-
-
-
-
-
-
Write-Disable (WRDI)
04H
Hi-Z
-
-
-
-
-
-
-
-
Read-ID
90H or
ABH
Hi-Z
00H
Hi-Z
00H
Hi-Z
ID Addr11
11. Manufacturer’s ID is read with A0=0, and Device ID is read with A0=1. All other address bits are 00H. The Manufacturer’s and Device
ID output stream is continuous until terminated by a low to high transition on CE#
Hi-Z
X
DOUT12
12. Device ID = 44H for SST25VF040
T6.0 1231(04)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com