Electronic Components Datasheet Search
  English  ▼

X  

HMP8154 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HMP8154
Description  NTSC/PAL Encoders
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8154 Datasheet(HTML) 1 Page - Intersil Corporation

  HMP8154 Datasheet HTML 1Page - Intersil Corporation HMP8154 Datasheet HTML 2Page - Intersil Corporation HMP8154 Datasheet HTML 3Page - Intersil Corporation HMP8154 Datasheet HTML 4Page - Intersil Corporation HMP8154 Datasheet HTML 5Page - Intersil Corporation HMP8154 Datasheet HTML 6Page - Intersil Corporation HMP8154 Datasheet HTML 7Page - Intersil Corporation HMP8154 Datasheet HTML 8Page - Intersil Corporation HMP8154 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
HMP8154, HMP8156A
NTSC/PAL Encoders
The HMP8154 and HMP8156A NTSC and PAL encoders
are designed for use in systems requiring the generation of
high-quality NTSC and PAL video from digital image data.
YCbCr or RGB digital video data drive the P0-P23 inputs.
Overlay inputs are processed and the data is 2x upsampled.
The Y data is optionally lowpass filtered to 6MHz and drives
the Y analog output. Cb and Cr are each lowpass filtered to
1.3MHz, quadrature modulated, and summed. The result
drives the C analog output. The digital Y and C data are also
added together and drive the two composite analog outputs.
The YCbCr data may also be converted to RGB data to drive
the DACs, allowing support for analog component RGB and
the European SCART connector.
The DACs can drive doubly-terminated (37.5
Ω) lines, and
run at a 2x oversampling rate to simplify the analog output
filter requirements. Any unused DACs may be powered down
to reduce power consumption.
Features
• (M) NTSC and (B, D, G, H, I, M, N, CN) PAL Operation
• ITU-R BT.601 and Square Pixel Operation
• Digital Input Formats
- 4:2:2 YCbCr
- 8-Bit or 16-Bit
- 4:4:4 RGB
- 16-Bit (5, 6, 5) or 24-Bit (8, 8, 8)
- Linear or Gamma-Corrected
- 8-Bit BT.656
• Overlay Mixing
- 7 Colors
- Internal, External, or Hard Mixing Control
• Analog Output Formats
- Y/C + Two Composite
- RGB + Composite (SCART)
• Flexible Video Timing Control
- Timing Master or Slave
- Programmable Input Sync Timing
- Selectable Polarity on Each Control Signal
- Programmable Blank Output Timing
- Field Output
• Closed Caption Encoding for NTSC and PAL
• 2x Upscaling of SIF Video
• Three Line Vertical Flicker Filter
(HMP8154 only)
• Four 2x Oversampling, 10-Bit DACs with Power Down
•I2C Interface
• Verilog Models Available
Applications
• Multimedia PCs
• Video Conferencing
• Video Editing
• Related Products
- NTSC/PAL Encoders:
HMP8170-HMP8173
- HMP8190/91
- NTSC/PAL Decoders:
HMP8112A, HMP8115, HMP8116, HMP8130/31
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HMP8154CN
0 to 70
64 Ld PQFP
Q64.14x14
HMP8156ACN
0 to 70
64 Ld PQFP
Q64.14x14
HMP8154EVAL1
HMP8156EVAL1
Daughter/Stand-Alone Card Evaluation
Platform (Note)
HMP8156EVAL2
Frame Grabber Evaluation Platform (Note)
NOTE: Described in the Applications Section
Data Sheet
October 1998
File Number
4343.3


Similar Part No. - HMP8154

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8154 INTERSIL-HMP8154 Datasheet
563Kb / 34P
NTSC/PAL Encoders
November 4, 2005
logo
Renesas Technology Corp
HMP8154 RENESAS-HMP8154 Datasheet
1Mb / 34P
NTSC/PAL Encoders
logo
Intersil Corporation
HMP8154CN INTERSIL-HMP8154CN Datasheet
563Kb / 34P
NTSC/PAL Encoders
November 4, 2005
logo
Renesas Technology Corp
HMP8154CN RENESAS-HMP8154CN Datasheet
1Mb / 34P
NTSC/PAL Encoders
logo
Intersil Corporation
HMP8154EVAL1 INTERSIL-HMP8154EVAL1 Datasheet
563Kb / 34P
NTSC/PAL Encoders
November 4, 2005
More results

Similar Description - HMP8154

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
PAL/NTSC decoder
February 1994
logo
Analog Devices
AD720 AD-AD720 Datasheet
146Kb / 8P
RGB to NTSC/PAL Encoders
REV.0
logo
Synaptics Incorporated.
BT864A CONEXANT-BT864A Datasheet
363Kb / 4P
High Performance YCrCb to NTSC/PAL Digital Video Encoders
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
NTSC/PAL Decoder
logo
Intersil Corporation
HMP8156 INTERSIL-HMP8156_03 Datasheet
654Kb / 33P
NTSC/PAL Encoder
September 2003
HMP8154 INTERSIL-HMP8154_05 Datasheet
563Kb / 34P
NTSC/PAL Encoders
November 4, 2005
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
NTSC/PAL Encoder
logo
Analog Devices
AD720 AD-AD720_15 Datasheet
287Kb / 8P
RGB to NTSC/PAL Encoders
REV. 0
AD721 AD-AD721_15 Datasheet
287Kb / 8P
RGB to NTSC/PAL Encoders
REV. 0
logo
Renesas Technology Corp
HMP8154 RENESAS-HMP8154 Datasheet
1Mb / 34P
NTSC/PAL Encoders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com