Electronic Components Datasheet Search
  English  ▼

X  

HMP8154 Datasheet(PDF) 18 Page - Intersil Corporation

Part # HMP8154
Description  NTSC/PAL Encoders
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8154 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button HMP8154 Datasheet HTML 14Page - Intersil Corporation HMP8154 Datasheet HTML 15Page - Intersil Corporation HMP8154 Datasheet HTML 16Page - Intersil Corporation HMP8154 Datasheet HTML 17Page - Intersil Corporation HMP8154 Datasheet HTML 18Page - Intersil Corporation HMP8154 Datasheet HTML 19Page - Intersil Corporation HMP8154 Datasheet HTML 20Page - Intersil Corporation HMP8154 Datasheet HTML 21Page - Intersil Corporation HMP8154 Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
18
TABLE 11. PRODUCT ID REGISTER
SUB ADDRESS = 00H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Product ID
This 8-bit register specifies the last two digits of the product number. It is a read-only register.
Data written to it is ignored.
54H
TABLE 12. OUTPUT FORMAT REGISTER
SUB ADDRESS = 01H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7-5
Video Timing Stan-
dard
000 = (M) NTSC
001 = (M) NTSC with a 0 IRE setup; also called (NSM) NTSC
010 = (B, D, G, H, I) PAL
011 = (M) PAL
100 = (N) PAL
101 = combination (N) PAL; also called (CN) PAL
110 = reserved
111 = reserved
000B
4-3
Output Format
00 = Composite + Y/C
01 = reserved
10 = Composite + RGB (no sync on green)
11 = Composite + RGB (with sync on green)
00B
2-0
Reserved
000B
TABLE 13. INPUT FORMAT REGISTER
SUB ADDRESS = 02H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7-5
Input Format
000 = 16-bit 4:2:2 YCbCr
001 = 8-bit 4:2:2 YCbCr
010 = 8-bit BT.656
011 = 16-bit linear RGB
100 = 16-bit gamma-corrected RGB
101 = 24-bit linear RGB
110 = 24-bit gamma-corrected RGB
111 = Blue screen
000B
4
Gamma
Select
These bits are ignored except during linear RGB input modes.
0 = 1 / 2.2
1 = 1 / 2.8
0B
3
Reserved
0B
2-1
Overlay Mixing
Mode
These bits must be set to “11” in 24-bit RGB input modes. Internal mixing should not be se-
lected in BT.656 input mode.
00 = No mixing
01 = Internal mixing
10 = External mixing
11 = Disable overlays
11B
0
Input Resolution
This bit must be set to “0” during BT.656 input mode and when the flicker filter is enabled.
0 = Full resolution (2X upscaling disabled)
1 = SIF resolution (2X upscaling enabled)
0B
HMP8154, HMP8156A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com