Electronic Components Datasheet Search
  English  ▼

X  

HMP8154 Datasheet(PDF) 19 Page - Intersil Corporation

Part # HMP8154
Description  NTSC/PAL Encoders
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8154 Datasheet(HTML) 19 Page - Intersil Corporation

Back Button HMP8154 Datasheet HTML 15Page - Intersil Corporation HMP8154 Datasheet HTML 16Page - Intersil Corporation HMP8154 Datasheet HTML 17Page - Intersil Corporation HMP8154 Datasheet HTML 18Page - Intersil Corporation HMP8154 Datasheet HTML 19Page - Intersil Corporation HMP8154 Datasheet HTML 20Page - Intersil Corporation HMP8154 Datasheet HTML 21Page - Intersil Corporation HMP8154 Datasheet HTML 22Page - Intersil Corporation HMP8154 Datasheet HTML 23Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
19
TABLE 14. VIDEO PROCESSING REGISTER
SUB ADDRESS = 03H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7
Luminance
Processing
0 = None
1 = Y Lowpass filtering enabled
1B
6
Composite Video
Limiting
0 = None
1 = Lower limit of composite active video is about half the sync height
0B
5
SCH Phase
Mode
0 = Never reset SCH phase
1 = Reset SCH phase every 4 (NTSC) or 8 (PAL) fields
1B
4
RGB Pedestal En-
able
0 = Don’t add blanking pedestal to RGB output
1 = add blanking pedestal to RGB output
0B
3
RGB pin Assignment
select
0 = use HMP8156 assignments
1 = SCART connector compatible
0B
2
First Active
Line Select
This bit is ignored unless flicker filtering is enabled. This bit is ignored on the HMP8156.
0 = First line of active video in odd fields is on an odd line number
1 = First line of active video in odd fields is on an even line number
0B
1-0
Flicker Filter
Processing
These bits must be “00” during 8-bit YCbCr and BT.656 input modes, and SIF input resolution
mode. These bits are always “00” on the HMP8156A.
00 = No flicker filtering
01 = reserved
10 = reserved
11 = 3-line flicker filtering enabled
00B
TABLE 15. TIMING I/O REGISTER #1
SUB ADDRESS = 04H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7
BLANK
Timing Select
This bit is ignored unless BLANK is configured to be an output.
0 = Data for the first active pixel of the scan line must arrive the CLK cycle after the encoder
negates BLANK.
1 = Data for the first active pixel of the scan line must arrive immediately after the encoder ne-
gates BLANK.
0B
6
Reserved
0B
5
BLANK Output Con-
trol
0 = BLANK is an input
1 = BLANK is an output
0B
4
BLANK
Polarity
0 = Active low (low during blanking)
1 = Active high (high during blanking)
0B
3
HSYNC and
VSYNC Output
Control
0 = HSYNC and VSYNC are inputs
1 = HSYNC and VSYNC are outputs
0B
2
HSYNC
Polarity
0 = Active low (low during horizontal sync)
1 = Active high (high during horizontal sync)
0B
1
VSYNC
Polarity
0 = Active low (low during vertical sync)
1 = Active high (high during vertical sync)
0B
0
FIELD
Polarity
0 = Active low (low during odd fields)
1 = Active high (high during odd fields)
0B
HMP8154, HMP8156A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com