Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62391IRTZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL62391IRTZ Datasheet HTML 1Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 2Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 3Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 4Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 5Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 6Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 7Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 8Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FN6666.4
December 22, 2008
FB Input Bias Current
FB = 0.6V
-12
30
nA
FB = 0.6V (ISL62391(2)HRTZ, TA = -10°C to
+100°C)
-10
30
nA
Frequency Range
200
600
kHz
Frequency Set Accuracy
FSW = 300kHz (Note 4)
-12
12
%
VOUT Voltage Adjust Range
VIN
≥ 6V for VOUT = 5.5V
0.6
5.5
V
VOUT Soft-discharge Resistance
14
50
Ω
PGOOD Pull-down Impedance
(Note 3)
32
50
Ω
PGOOD Leakage Current
PGOOD = VCC
0
1
µA
Maximum PGOOD Sink Current
(Note 3)
5
mA
PGOOD Soft-start Delay
(From first EN = 1 to PGOOD = 1)
EN1 = EN2 = 1
2.20
2.75
3.70
ms
EN1 = 1, EN2 = Floating or EN1 = Floating, EN2 =1
4.50
5.60
7.60
ms
EN1 = 1, EN2 = Floating or EN1 = Floating, EN2 =1
(ISL62391(2)HRTZ, TA = -10°C to +100°C)
4.50
5.60
7.50
ms
UGATE Pull-up ON-resistance
200mA source current (Note 3)
1.0
1.5
Ω
UGATE Source Current
UGATE-PHASE = 2.5V (Note 3)
2.0
A
UGATE Pull-down ON-resistance
250mA source current (Note 3)
1.0
1.5
Ω
UGATE Sink Current
UGATE-PHASE = 2.5V (Note 3)
2.0
A
LGATE Pull-up ON-resistance
250mA source current (Note 3)
1.0
1.5
Ω
LGATE Source Current
LGATE-PGND = 2.5V (Note 3)
2.0
A
LGATE Pull-down ON-resistance
250mA source current (Note 3)
0.5
0.9
Ω
LGATE Sink Current
LGATE-PGND = 2.5V (Note 3)
4.0
A
UGATE to LGATE Deadtime
UG falling to LG rising, no load
21
ns
LGATE to UGATE Deadtime
LG falling to UG rising, no load
21
ns
Bootstrap Diode Forward Voltage
2mA forward diode current
0.58
V
Bootstrap Diode Reverse Leakage Current
VR = 25V
0.2
1
µA
FCCM Input Voltage
Low Level (DCM enabled)
0.8
V
Float Level (audio filter enabled)
1.9
2.1
V
High Level (forced CCM)
2.4
V
FCCM Input Leakage Current
FCCM = GND or VCC
-2
2
µA
Audio Filter Switching Frequency
FCCM floating
28
kHz
EN Input Voltage
Low Level (Clear fault level/SMPS off)
0.8
V
Float Level (Delayed start)
1.9
2.1
V
High Level (SMPS on)
2.4
V
EN Input Leakage Current
EN = GND or VCC
-3.5
3.5
µA
ISEN Input Impedance
EN = VCC
600
k
Ω
ISEN Input Leakage Current
EN = GND
0.1
µA
OCSET Input Impedance
EN = VCC
600
k
Ω
OCSET Input Leakage Current
EN = GND
0.1
µA
OCSET Current Source
EN = VCC
8.7
10.0
10.5
µA
EN = VCC (ISL62391(2)HRTZ, TA = -10°C to
+100°C)
9
10.0
10.5
µA
Electrical Specifications
Circuit of Figure 1 and Figure 2, LDO3, OUT1, OUT2, and REF, VIN = 12V, EN = VCC, TA = -40°C to +100°C,
unless otherwise noted. Typical values are at TA = +25°C. Parameters with MIN and/or MAX limits are 100%
tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not
production tested. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISL62391, ISL62392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com