Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 18 Page - Intersil Corporation

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62391IRTZ Datasheet(HTML) 18 Page - Intersil Corporation

Back Button ISL62391IRTZ Datasheet HTML 12Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 13Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 14Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 15Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 16Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 17Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 18Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 19Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
FN6666.4
December 22, 2008
As an example, suppose the high-side MOSFET has a total
gate charge Qg, of 25nC at VGS = 5V, and a ΔVBOOT of
200mV. The calculated bootstrap capacitance is 0.125µF; for
a comfortable margin, select a capacitor that is double the
calculated capacitance. In this example, 0.22µF will suffice.
Use an X7R or X5R ceramic capacitor.
Layout Considerations
As a general rule, power should be on the bottom layer of
the PCB and weak analog or logic signals are on the top
layer of the PCB. The ground-plane layer should be adjacent
to the top layer to provide shielding. The ground plane layer
should have an island located under the IC, the
compensation components, and the FSET components. The
island should be connected to the rest of the ground plane
layer at one point.
Because there are two SMPS outputs and only one PGND
pin, the power train of both channels should be laid out
symmetrically. The line of bilateral symmetry should be
drawn through pins 4 and 18. This layout approach ensures
that the controller does not favor one channel over another
during critical switching decisions. Figure 29 illustrates one
example of how to achieve proper bilateral symmetry.
Signal Ground and Power Ground
The bottom of the ISL62391, ISL62392 TQFN package is the
signal ground (GND) terminal for analog and logic signals of
the IC. Connect the GND pad of the ISL62391, ISL62392 to
the island of ground plane under the top layer using several
vias for a robust thermal and electrical conduction path.
Connect the input capacitors, the output capacitors, and the
source of the lower MOSFETs to the power ground plane.
PGND (Pin 19)
This is the return path for the pull-down of the LGATE
low-side MOSFET gate driver. Ideally, PGND should be
connected to the source of the low-side MOSFET with a
low-resistance, low-inductance path.
VIN (Pin 17)
The VIN pin should be connected close to the drain of the
high-side MOSFET, using a low resistance and low
inductance path.
VCC (Pin 4)
For best performance, place the decoupling capacitor very
close to the VCC and GND pins.
PVCC (Pin 18)
For best performance, place the decoupling capacitor very
close to the PVCC and respective PGND pin, preferably on
the same side of the PCB as the ISL62391, ISL62392 IC.
EN (Pins 11 and 24), and PGOOD (Pin 1)
These are logic signals that are referenced to the GND pin.
Treat as a typical logic signal.
OCSET (Pins 10 and 25) and ISEN (Pins 9 and 26)
For DCR current sensing, the current-sense network,
consisting of ROCSET and CSEN, needs to be connected to
the inductor pads for accurate measurement. Connect
ROCSET to the phase-node side pad of the inductor, and
connect CSEN to the output side pad of the inductor. The
ISEN resistor should also be connected to the output pad of
the inductor with a separate trace. Connect the OCSET pin
to the common node of node of ROCSET and CSEN.
For resistive current sensing, connect ROCSET from the
OCSET pin to the inductor side of the resistor pad. The ISEN
resistor should be connected to the VOUT side of the resistor
pad.
In both current-sense configurations, the resistor and
capacitor sensing elements, with the exclusion of the current
sense power resistor, should be placed near the
corresponding IC pin. The trace connections to the inductor
or sensing resistor should be treated as Kelvin connections.
FB (Pins 7 and 28), and VOUT (Pins 8 and 27)
The VOUT pin is used to generate the R3 synthetic ramp
voltage and for soft-discharge of the output voltage during
shutdown events. This signal should be routed as close to
the regulation point as possible. The input impedance of the
FB pin is high, so place the voltage programming and loop
INDUCTOR
VIAS TO
GROUND
PLANE
VIN
VOUT
PHASE
NODE
GND
OUTPUT
CAPACITORS
LOW-SIDE
MOSFETS
INPUT
CAPACITORS
SCHOTTKY
DIODE
HIGH-SIDE
MOSFETS
FIGURE 29. TYPICAL POWER COMPONENT PLACEMENT
OUTPUT
CAPACITORS
SCHOTTKY
DIODE
LOW-SIDE
MOSFETS
INPUT
CAPACITORS
INDUCTOR
HIGH-SIDE
MOSFETS
GND
VIN
VIAS TO
GROUND
PLANE
PHASE
NODE
LINEOFSYMMETRY
PIN4 (VCC)
PIN18 (PVCC)
L2
Ci
Co
L1
Ci
Co
U2
L2
U1
L1
ISL6239
PGNDPLANE
PHASEPLANES
VOUTPLANES
VINPLANE
FIGURE 30. SYMMETRIC LAYOUT GUIDE
ISL62391, ISL62392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com