Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62391IRTZ Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL62391IRTZ Datasheet HTML 10Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 11Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 12Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 13Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 14Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 15Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 16Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 17Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
FN6666.4
December 22, 2008
ISL62392 monitors the phase voltage when the low-side
MOSFET is conducting inductor current to determine its
direction.
When the output load current is greater than or equal to ½
the inductor ripple current, the inductor current is always
positive, and the converter is always in CCM. The ISL62391,
ISL62392 minimizes the conduction loss in this condition by
forcing the low-side MOSFET to operate as a synchronous
rectifier.
When the output load current is less than ½ the inductor
ripple current, negative inductor current occurs. Sinking
negative inductor through the low-side MOSFET lowers
efficiency through unnecessary conduction losses. The
ISL62391, ISL62392 automatically enters DEM after the
PHASE pin has detected positive voltage and LGATE was
allowed to go high for 8 consecutive PWM switching cycles.
The ISL62391, ISL62392 will turn off the low-side MOSFET
once the phase voltage turns positive, indicating negative
inductor current. The ISL62391, ISL62392 will return to CCM
on the following cycle after the PHASE pin detects negative
voltage, indicating that the body diode of the low-side
MOSFET is conducting positive inductor current.
Efficiency can be further improved with a reduction of
unnecessary switching losses by reducing the PWM
frequency. It is characteristic of the R3 architecture for the
PWM frequency to decrease while in diode emulation. The
extent of the frequency reduction is proportional to the
reduction of load current. Upon entering DEM, the PWM
frequency makes an initial step-reduction because of a 33%
step-increase of the window voltage VW.
Because the switching frequency in DEM is a function of
load current, very light load conditions can produce
frequencies well into the audio band. This can be
problematic if audible noise is coupled into audio amplifier
circuits. To prevent this from occurring, the ISL62391,
ISL62392 allows the user to float the FCCM input. This will
allow DEM at light loads, but will prevent the switching
frequency from going below ~28kHz to prevent noise
injection to the audio band. A timer is reset each PWM
pulse. If the timer exceeds 30µs, LGATE is turned on,
causing the ramp voltage to reduce until another UGATE is
commanded by the voltage loop.
Overcurrent Protection
The overcurrent protection (OCP) setpoint is programmed
with resistor, ROCSET, that is connected across the OCSET
and PHASE pins.
Figure 26 shows the overcurrent-set circuit for SMPS1. The
inductor consists of inductance L and the DC resistance
(DCR). The inductor DC current IL creates a voltage drop
across DCR, which is given by Equation 6:
The ISL62391, ISL62392 sinks a 10µA current into the
OCSET1 pin, creating a DC voltage drop across the resistor
ROCSET, which is given by Equation 7:
Resistor RO is connected between the OUT1 pin and the
actual output voltage of the converter. During normal
operation, the OUT1 pin is a high impedance path, therefore
there is no voltage drop across RO. The DC voltage
difference between the OCSET1 pin and the OUT1 pin can
be established using Equation 8:
The ISL62391, ISL62392 monitors the OCSET1 pin and the
OUT1 pin voltages. Once the OCSET1 pin voltage is higher
than the OUT1 pin voltage for more than 10µs, the ISL62391,
ISL62392 declares an OCP fault. The value of ROCSET is
then written as Equation 9:
Where:
-ROCSET (Ω) is the resistor used to program the
overcurrent setpoint
-IOC is the output current threshold that will activate the
OCP circuit
- DCR is the inductor DC resistance
For example, if IOC is 20A and DCR is 4.5mΩ, the choice of
ROCSET is ROCSET = 20A x 4.5mΩ/10µA = 9kΩ.
Resistor ROCSET and capacitor CSEN form an R-C network
to sense the inductor current. To sense the inductor current
correctly, not only in DC operation but also during dynamic
operation, the R-C network time constant ROCSET-CSEN
FIGURE 26. OVERCURRENT-SET CIRCUIT
PHASE1
CO
L
VO
ROCSET
CSEN
OCSET1
OUT1
RO
ISL62391,
DCR
IL
10µ
+
_
VDCR
+
_
VROCSET
ISL62392
V
DCR
I
L DC R
•
=
(EQ. 6)
V
ROCSET
10
μAR
OCSET
•
=
(EQ. 7)
V
OCSET1 V
–
OUT1
I
L DC R
•
10
μAR
OCSET
•
–
=
(EQ. 8)
(EQ. 9)
R
OCSET
I
OC DCR
•
10
μA
---------------------------
=
ISL62391, ISL62392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com