Electronic Components Datasheet Search
  English  ▼

X  

ISL62391IRTZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL62391IRTZ
Description  High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62391IRTZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL62391IRTZ Datasheet HTML 1Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 2Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 3Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 4Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 5Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 6Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 7Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 8Page - Intersil Corporation ISL62391IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
¬
FN6666.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL62391, ISL62392
High-Efficiency, Triple-Output System
Power Supply Controller for Notebook
Computers
The ISL62391, ISL62392 controller generates supply voltages
for battery-powered systems. It includes two pulse-width
modulation (PWM) controllers, adjustable from 0.6V to 5.5V,
and a linear regulator (LDO3) that generates a fixed 3.3V and
can deliver up to 100mA. The ISL62391, ISL62392 includes
on-board power-up sequencing, a power-good (PGOOD)
output, digital soft-start, and internal soft-stop output
discharge that prevents negative voltages on shutdown.
The patented R3 PWM control scheme provides a low jitter
system with fast response to load transients. Light-load
efficiency is improved with period-stretching discontinuous
conduction mode (DCM) operation. To eliminate noise in audio
frequency applications, an ultrasonic DCM mode is included,
which limits the minimum switching frequency to 28kHz.
The ISL62391 and ISL62392 are identical except for how
their overvoltage protection is handled. The ISL62391
utilizes a tri-state overvoltage scheme, whereas the
ISL62392 employs a soft-crowbar method.
The ISL62391, ISL62392 is available in a 28 Ld 4x4 TQFN
package and operates over the extended temperature range
(-40°C to +100°C).
Features
• High Performance R3 Technology
• Fast Transient Response
• ±1% Output Voltage Accuracy
• 2 Fully Programmable Switch-Mode Power Supplies
• Programmable Switching Frequency
• Fixed 3.3V LDO Output
• Internal Soft-Start and Soft-Stop Output Discharge
• Wide Input Voltage Range: 5.5V to 25V
• Full and Ultrasonic Pulse-Skipping Mode
• Power-Good Indicator
• Overvoltage, Undervoltage and Overcurrent Protection
• Thermal Monitor and Protection
• Pb-Free (RoHS Compliant)
Applications
• Notebook and Sub-Notebook Computers
• PDAs and Mobile Communication Devices
• 3-Cell and 4-Cell Li+ Battery-Powered Devices
Pinout
ISL62391, ISL62392
(28 LD 4X4 TQFN)
TOP VIEW
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL62391HRTZ
623 91HRTZ -10 to +100 28 Ld 4x4 TQFN L28.4x4
ISL62391HRTZ-T* 623 91HRTZ -10 to +100 28 Ld 4x4 TQFN L28.4x4
ISL62392HRTZ
623 92HRTZ -10 to +100 28 Ld 4x4 TQFN L28.4x4
ISL62392HRTZ-T* 623 92HRTZ -10 to +100 28 Ld 4x4 TQFN L28.4x4
ISL62391IRTZ
623 91IRTZ
-40 to +100 28 Ld 4x4 TQFN L28.4x4
ISL62391IRTZ-T*
623 91IRTZ
-40 to +100 28 Ld 4x4 TQFN L28.4x4
ISL62392IRTZ
623 92IRTZ
-40 to +100 28 Ld 4x4 TQFN L28.4x4
ISL62392IRTZ-T*
623 92IRTZ
-40 to +100 28 Ld 4x4 TQFN L28.4x4
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant
and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures
that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
PGOOD
FSET2
FCCM
VCC
LDO3EN
FSET1
FB1
BOOT2
LGATE2
PGND
PVCC
VIN
LDO3
LGATE1
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28
27
26
25
24
23
22
8
9
10
11
12
13
14
CENTER PAD:
GND
Data Sheet
December 22, 2008


Similar Part No. - ISL62391IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62391IRTZ INTERSIL-ISL62391IRTZ Datasheet
654Kb / 20P
High-Efficiency, Triple-Output System Power Supply Controller
April 7, 2011
logo
Renesas Technology Corp
ISL62391IRTZ RENESAS-ISL62391IRTZ Datasheet
1Mb / 22P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
More results

Similar Description - ISL62391IRTZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
February 4, 2009
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
April 20, 2009
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
August 7, 2008
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
May 13, 2011
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com