Electronic Components Datasheet Search
  English  ▼

X  

ISL97656 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL97656
Description  Integrated 4A Switch PWM Step-Up Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97656 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL97656 Datasheet HTML 1Page - Intersil Corporation ISL97656 Datasheet HTML 2Page - Intersil Corporation ISL97656 Datasheet HTML 3Page - Intersil Corporation ISL97656 Datasheet HTML 4Page - Intersil Corporation ISL97656 Datasheet HTML 5Page - Intersil Corporation ISL97656 Datasheet HTML 6Page - Intersil Corporation ISL97656 Datasheet HTML 7Page - Intersil Corporation ISL97656 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FN6439.4
April 2, 2010
Block Diagram
Typical Application Circuit
COMPARATOR
OSCILLATOR
SHUTDOWN
AND START-UP
CONTROL
LX
IN
FREQ
EN
SS
REFERENCE
GENERATOR
PWM LOGIC
CONTROLLER
FET
DRIVER
CURRENT
SENSE
GM
AMPLIFIER
GND
FB
COMP
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
COMP
Compensation pin. Output of the internal error amplifier. Capacitor and resistor from COMP pin to ground.
2
FB
Voltage feedback pin. Internal reference is 1.24V nominal. Connect a resistor divider from VOUT.
VOUT = 1.24V (1 + R1/R2). See “Typical Application Circuit”.
3
EN
Shutdown control pin. Pull EN low to turn off the device.
4, 5
GND
Analog and power ground.
6, 7
LX
Power switch pin. Connected to the drain of the internal power MOSFET.
8
IN
Analog power supply input pin.
9
FREQ
Frequency select pin. When FREQ is set low, switching frequency is set to 620kHz. When connected to
high or IN, switching frequency is set to 1.25MHz.
10
SS
Soft-start control pin. Connect a capacitor to control the converter start-up.
1
2
3
4
10
9
8
7
COMP
FB
EN
GND
SS
FREQ
IN
LX
+
+
3.9k
Ω
4.7nF
27nF
22µF
C3
C1
0.1µF
10µH
D1
22µF
C2
12V
2.3V TO 6.0V
R3
C5
86.6k
Ω
R1
10k
Ω
R2
C4
5 GND
6
LX
ISL97656



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com