Electronic Components Datasheet Search
  English  ▼

X  

ISL97656 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL97656
Description  Integrated 4A Switch PWM Step-Up Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97656 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL97656 Datasheet HTML 1Page - Intersil Corporation ISL97656 Datasheet HTML 2Page - Intersil Corporation ISL97656 Datasheet HTML 3Page - Intersil Corporation ISL97656 Datasheet HTML 4Page - Intersil Corporation ISL97656 Datasheet HTML 5Page - Intersil Corporation ISL97656 Datasheet HTML 6Page - Intersil Corporation ISL97656 Datasheet HTML 7Page - Intersil Corporation ISL97656 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FN6439.4
April 2, 2010
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
LX to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26V
IN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
COMP, FB, EN, SS, FREQ to GND . . . . . . . . . . . -0.3V to (IN +0.3V)
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
10 Ld 3x3 TDFN Package (Notes 1, 2)
53
3
Operating Ambient Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
ΝΟΤΕΣ:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VIN = 3V, VOUT = 12V, IOUT = 0mA, FREQ = GND, TA = -40°C to +85°C, unless otherwise specified.
Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature
limits established by characterization and are not production tested.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
IQ1
Quiescent Current - Shutdown
EN = 0V
0.1
5
µA
IQ2
Quiescent Current - Not Switching
EN = IN, FB = 1.3V
0.7
mA
IQ3
Quiescent Current - Switching
EN = IN, FB = 1.0V
3
5
mA
VFB
Feedback Voltage
1.22
1.24
1.26
V
IB-FB
Feedback Input Bias Current
0.01
0.5
µA
IN
Input Voltage Range
2.3
6.0
V
DMAX - 640kHz Maximum Duty Cycle
FREQ = 0V
85
92
%
DMAX - 1.2MHz Maximum Duty Cycle
FREQ = IN
85
90
%
ILIM
Current Limit - Max Peak Input Current
3.8
4.0
5.1
A
IEN
Shutdown Input Bias Current
EN = 0V
0.01
0.5
µA
rDS(ON)
Switch ON Resistance
IN = 2.7V, ILX = 1A
0.12
Ω
ILX-LEAK
Switch Leakage Current
VSW = 27V
0.01
3
µA
ΔVOUT/ΔVIN
Line Regulation
2.3V < VIN < 5.5V, VOUT = 12V
0.2
%
ΔVOUT/ΔIOUT Load Regulation
VIN = 3.3V, VOUT = 12V, IO = 30mA to 200mA
0.3
%
FOSC1
Switching Frequency Accuracy
FREQ = 0V
500
640
740
kHz
FOSC2
Switching Frequency Accuracy
FREQ = IN
1000
1220
1500
kHz
VIL
EN, FREQ Input Low Level
0.5
V
VIH
EN, FREQ Input High Level
1.5
V
GM
Error Amp Tranconductance
ΔI = 5µA
70
130
250
1µ/
Ω
IN-ON
IN UVLO On Threshold
2.00
2.38
2.57
V
HYS
IN UVLO hysteresis
50
mV
ISS
Soft-Start Charge Current
2.5
4.5
7.5
µA
OTP
Over-Temperature Protection
150
°C
ISL97656



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com