Electronic Components Datasheet Search
  English  ▼

X  

ISL97656 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL97656
Description  Integrated 4A Switch PWM Step-Up Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97656 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL97656 Datasheet HTML 1Page - Intersil Corporation ISL97656 Datasheet HTML 2Page - Intersil Corporation ISL97656 Datasheet HTML 3Page - Intersil Corporation ISL97656 Datasheet HTML 4Page - Intersil Corporation ISL97656 Datasheet HTML 5Page - Intersil Corporation ISL97656 Datasheet HTML 6Page - Intersil Corporation ISL97656 Datasheet HTML 7Page - Intersil Corporation ISL97656 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FN6439.4
April 2, 2010
Applications Information
The ISL97656 is a high frequency, high efficiency boost
regulator operated at constant frequency PWM mode. The
boost converter stores energy from an input voltage source
and deliver it to a higher output voltage. The input voltage
range is 2.3V to 6.0V and output voltage range is 5V to 25V.
The switching frequency is selectable between 640kHz and
1.2MHz allowing smaller inductors and faster transient
response. An external compensation pin gives the user
greater flexibility in setting output transient response and
tighter load regulation. The converter soft-start characteristic
can also be controlled by external CSS capacitor. The EN pin
allows the user to completely shutdown the device.
Boost Converter Operations
Figure 8 shows a boost converter with all the key
components. In steady state operating and continuous
conduction mode where the inductor current is continuous,
the boost converter operates in two cycles. During the first
cycle, as shown in Figure 9, the internal power FET turns on
and the Schottky diode is reverse biased and cuts off the
current flow to the output. The output current is supplied
from the output capacitor. The voltage across the inductor is
VIN and the inductor current ramps up in a rate of VIN/L, L is
the inductance. The inductance is magnetized and energy is
stored in the inductor. The change in inductor current is
shown in Equation 1:
During the second cycle, the power FET turns off and the
Schottky diode is forward biased, (see Figure 10). The
energy stored in the inductor is pumped to the output
supplying output current and charging the output capacitor.
The Schottky diode side of the inductor is clamp to a Schottky
diode above the output voltage. So the voltage drop across the
inductor is VIN - VOUT. The change in inductor current during
the second cycle is shown in Equation 2:
For stable operation, the same amount of energy stored in
the inductor must be taken out. The change in inductor
current during the two cycles must be the same as shown in
Equation 3.
FIGURE 7. TRANSIENT RESPONSE
Typical Performance Curves (Continued)
VO = 12V
fs = 1.2MHz
VIN = 3.3V
IO = 50mA to 300mA
ΔI
L1
ΔT1
VIN
L
---------
×
=
ΔT1
D
fSW
----------
=
D
Duty Cycle
=
ΔV
O
IOUT
COUT
----------------
ΔT
1
×
=
(EQ. 1)
ΔI
L
ΔT2
VIN VOUT
–
L
--------------------------------
×
=
ΔT2
1D
–
fSW
-------------
=
(EQ. 2)
ΔI1 ΔI2
+
0
=
D
fSW
----------
VIN
L
---------
1D
–
fSW
-------------
VIN VOUT
–
L
--------------------------------
×
+
×
0
=
VOUT
VIN
----------------
1
1D
–
-------------
=
(EQ. 3)
ISL97656
COUT
CIN
LD
VIN
VOUT
FIGURE 8. BOOST CONVERTER
ISL97656
COUT
CIN
L
VIN
VOUT
ΔT1
ΔVO
IL
ΔIL1
FIGURE 9. BOOST CONVERTER - CYCLE 1, POWER
SWITCH CLOSED
ISL97656



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com