Electronic Components Datasheet Search
  English  ▼

X  

ISL97656 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL97656
Description  Integrated 4A Switch PWM Step-Up Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97656 Datasheet(HTML) 7 Page - Intersil Corporation

  ISL97656 Datasheet HTML 1Page - Intersil Corporation ISL97656 Datasheet HTML 2Page - Intersil Corporation ISL97656 Datasheet HTML 3Page - Intersil Corporation ISL97656 Datasheet HTML 4Page - Intersil Corporation ISL97656 Datasheet HTML 5Page - Intersil Corporation ISL97656 Datasheet HTML 6Page - Intersil Corporation ISL97656 Datasheet HTML 7Page - Intersil Corporation ISL97656 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6439.4
April 2, 2010
Maximum Output Current
The MOSFET current limit is nominally 4.0A and guaranteed
3.8A. This restricts the maximum output current, IOMAX,
based on Equation 7:
where:
IL = MOSFET current limit
IL(AVG) = average inductor current
ΔIL = inductor ripple current
VDIODE = Schottky diode forward voltage, typically, 0.6V
fS = switching frequency, 600kHz or 1.2MHz
D = MOSFET turn-on ratio:
Table 1 gives typical maximum IOUT values for 1.2MHz
switching frequency and 10µH inductor.
Cascaded MOSFET Application
A 24V N-Channel MOSFET is integrated in the boost
regulator. For the applications where the output voltage is
greater than 24V, an external cascaded MOSFET is needed
as shown in Figure 11. The voltage rating of the external
MOSFET should be greater than AIN.
DC PATH BLOCK APPLICATION
Note that there is a DC path in the boost converter from the
input to the output through the inductor and diode, hence the
input voltage will be seen at output with a forward voltage
drop of diode before the part is enabled. If this voltage is not
desired, the following circuit (see Figure 12) can be inserted
between input and inductor to disconnect the DC path when
the part is disabled.
TABLE 1. TYPICAL MAXIMUM IOUT VALUES
VIN (V)
VOUT (V)
IOMAX (mA)
2.5
5
1790
2.5
9
990
2.5
12
750
3.3
5
2370
3.3
9
1300
3.3
12
970
5
9
1970
5
12
1470
IL
ILAVG
()
12
⁄ΔI
L
×
()
+
=
(EQ. 7)
ΔI
L
VIN
VO VDIODE
+
() V
IN
–
[]
×
LVO
(
VDIODE) fS
×
+
×
------------------------------------------------------------------------------
=
(EQ. 8)
IL-AVG
IOUT
1D
–
-------------
=
(EQ. 9)
D1
VIN
VOUT VDIODE
+
--------------------------------------------
–
=
(EQ. 10)
FIGURE 11. CASCADED MOSFET TOPOLOGY FOR HIGH
OUTPUT VOLTAGE APPLICATIONS
INTERSIL
ISL97656
LX
FB
AIN
VIN
FIGURE 12. CIRCUIT TO DISCONNECT THE DC PATH OF
BOOST CONVERTER
INPUT
EN
TO INDUCTOR
ISL97656



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com