Electronic Components Datasheet Search
  English  ▼

X  

ISL97656 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL97656
Description  Integrated 4A Switch PWM Step-Up Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97656 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL97656 Datasheet HTML 1Page - Intersil Corporation ISL97656 Datasheet HTML 2Page - Intersil Corporation ISL97656 Datasheet HTML 3Page - Intersil Corporation ISL97656 Datasheet HTML 4Page - Intersil Corporation ISL97656 Datasheet HTML 5Page - Intersil Corporation ISL97656 Datasheet HTML 6Page - Intersil Corporation ISL97656 Datasheet HTML 7Page - Intersil Corporation ISL97656 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN6439.4
ISL97656
Integrated 4A Switch PWM Step-Up
Regulator
The ISL97656 is a high frequency, high efficiency step-up
voltage regulator operated at constant frequency PWM
mode. With an internal 4.0A, 120m
Ω MOSFET, it can deliver
up to 2A output current at over 90% efficiency. The
selectable 640kHz and 1.2MHz allows smaller inductors and
faster transient response. An external compensation pin
gives the user greater flexibility in setting frequency
compensation allowing the use of low ESR Ceramic output
capacitors.
When shut down, it draws <1µA of current and can operate
down to 2.3V input supply. These features along with
1.2MHz switching frequency makes it an ideal device for
portable equipment and TFT-LCD displays.
The ISL97656 is available in a 10 Ld TDFN package with a
maximum height of 1.1mm. The device is specified for
operation over the full -40°C to +85°C temperature range.
Pinout
ISL97656
(10 LD TDFN)
TOP VIEW
Features
• >90% Efficiency
• 4.0A, 120m
Ω Power MOSFET
• 2.3V to 6.0V Input
• Up to 24V Output
• 640kHz/1.2MHz Switching Frequency Selection
• Adjustable Soft-Start
• Internal Thermal Protection
• 0.8mm Max Height 10 Ld TDFN Package
• Pb-Free (RoHS Compliant)
• Halogen Free
Applications
• TFT-LCD Displays
• DSL Modems
• PCMCIA Cards
• Digital Cameras
• GSM/CDMA Phones
• Portable Equipment
• Handheld Devices
2
3
4
1
9
8
7
10
COMP
FB
EN
GND
SS
FREQ
IN
LX
5
6
LX
GND
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL97656IRTZ
656Z
10 Ld TDFN
L10.3x3B
ISL97656IRTZ-T*
656Z
10 Ld TDFN
L10.3x3B
ISL97656IRTZ-TK*
656Z
10 Ld TDFN
L10.3x3B
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
April 2, 2010
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007-2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL97656

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97656 INTERSIL-ISL97656 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
Step-Up Regulator with 4A Integrated Switch
ISL97656IRTZ RENESAS-ISL97656IRTZ Datasheet
617Kb / 9P
Step-Up Regulator with 4A Integrated Switch
More results

Similar Description - ISL97656

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
High Frequency PWM Step-Up Regulator
May 13, 2005
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
March 4, 2005
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
August 27, 2010
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
Linear Technology
LTM4661 LINER-LTM4661 Datasheet
646Kb / 20P
15V, 4A Step-Up 關Module Regulator
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
High Frequency PWM Step-Up Regulator
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
Step-Up Regulator with 4A Integrated Switch
ISL98012 RENESAS-ISL98012 Datasheet
773Kb / 10P
1.8V Input PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com