Electronic Components Datasheet Search
  English  ▼

X  

OC1005 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # OC1005
Description  N-channel TrenchMOS standard level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OC1005 Datasheet(HTML) 2 Page - NXP Semiconductors

  OC1005 Datasheet HTML 1Page - NXP Semiconductors OC1005 Datasheet HTML 2Page - NXP Semiconductors OC1005 Datasheet HTML 3Page - NXP Semiconductors OC1005 Datasheet HTML 4Page - NXP Semiconductors OC1005 Datasheet HTML 5Page - NXP Semiconductors OC1005 Datasheet HTML 6Page - NXP Semiconductors OC1005 Datasheet HTML 7Page - NXP Semiconductors OC1005 Datasheet HTML 8Page - NXP Semiconductors OC1005 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
OC1005_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2007
2 of 12
NXP Semiconductors
OC1005
N-channel TrenchMOS standard level FET
3.
Ordering information
4.
Limiting values
[1]
Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 75 A.
Table 2.
Ordering information
Type number
Package
Name
Description
Version
OC1005
SC-46
plastic single-ended package; heatsink mounted; 1 mounting hole;
3-lead TO-220AB
SOT78
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
25
°C ≤ T
j ≤ 175 °C
-
55
V
VDGR
drain-gate voltage (DC)
25
°C ≤ T
j ≤ 175 °C; RGS =20kΩ
-55
V
VGS
gate-source voltage
-
±20
V
ID
drain current
Tmb =25 °C; VGS = 10 V; see Figure 2 and 3
[1] -
110
A
Tmb = 100 °C; VGS = 10 V; see Figure 2
-80
A
IDM
peak drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs; see Figure 3
-
390
A
Ptot
total power dissipation
Tmb =25 °C; see Figure 1
-
200
W
Tstg
storage temperature
−55
+175
°C
Tj
junction temperature
−55
+175
°C
Source-drain diode
IS
source current
Tmb =25 °C
[1] -
110
A
ISM
peak source current
Tmb =25 °C; pulsed; tp ≤ 10 µs
-
390
A
Avalanche ruggedness
EDS(AL)S non-repetitive drain-source
avalanche energy
unclamped inductive load; ID =75A;
tp = 0.1 ms; VDS ≤ 55 V; RGS =50 Ω;
VGS = 10 V; starting at Tj =25 °C
-
280
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com