Electronic Components Datasheet Search
  English  ▼

X  

OC1005 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # OC1005
Description  N-channel TrenchMOS standard level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OC1005 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button OC1005 Datasheet HTML 2Page - NXP Semiconductors OC1005 Datasheet HTML 3Page - NXP Semiconductors OC1005 Datasheet HTML 4Page - NXP Semiconductors OC1005 Datasheet HTML 5Page - NXP Semiconductors OC1005 Datasheet HTML 6Page - NXP Semiconductors OC1005 Datasheet HTML 7Page - NXP Semiconductors OC1005 Datasheet HTML 8Page - NXP Semiconductors OC1005 Datasheet HTML 9Page - NXP Semiconductors OC1005 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
OC1005_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2007
6 of 12
NXP Semiconductors
OC1005
N-channel TrenchMOS standard level FET
Tj =25 °CTj =25 °C
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 6.
Drain-source on-state resistance as a function
of drain current; typical values
Tj =25 °C and 175 °C; VDS >ID × RDSon
Fig 7.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature
VDS (V)
04
3
12
003aab895
80
160
240
ID
(A)
0
Tj = 25 °C
10 V
9 V
8 V
7 V
6 V
8.5 V
VGS = 5 V
003aab896
ID (A)
0
240
160
80
10
5
15
20
RDSon
(m
Ω)
0
Tj = 25
°C
VGS = 7.5 V 8 V
9 V
8.5 V
10 V
003aab905
VGS (V)
06
4
2
40
20
60
80
ID
(A)
0
VDS > ID × RDSon
Tj = 175
°C
25
°C
Tj (°C)
−60
180
120
060
003aab906
1
0.5
1.5
2
a
0
a
R
DSon
R
DSon 25
°C
()
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com