Electronic Components Datasheet Search
  English  ▼

X  

OC1005 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # OC1005
Description  N-channel TrenchMOS standard level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OC1005 Datasheet(HTML) 3 Page - NXP Semiconductors

  OC1005 Datasheet HTML 1Page - NXP Semiconductors OC1005 Datasheet HTML 2Page - NXP Semiconductors OC1005 Datasheet HTML 3Page - NXP Semiconductors OC1005 Datasheet HTML 4Page - NXP Semiconductors OC1005 Datasheet HTML 5Page - NXP Semiconductors OC1005 Datasheet HTML 6Page - NXP Semiconductors OC1005 Datasheet HTML 7Page - NXP Semiconductors OC1005 Datasheet HTML 8Page - NXP Semiconductors OC1005 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
OC1005_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2007
3 of 12
NXP Semiconductors
OC1005
N-channel TrenchMOS standard level FET
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature
Fig 2.
Normalized continuous drain current as a
function of mounting base temperature
Tmb =25 °C; IDM is single pulse; VGS =10V
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
Tmb (°C)
0
200
150
50
100
003aab844
40
80
120
Pder
(%)
0
Tmb (°C)
0
200
150
50
100
001aah320
40
80
120
Ider
(%)
0
60
100
20
package limiting
current 75 A
P
der
P
tot
P
tot 25
°C
()
------------------------
100 %
×
=
I
der
I
D
I
D25
°C
()
--------------------
100 %
×
=
003aab892
VDS (V)
1
102
10
102
10
103
ID
(A)
1
Limit RDSon = VDS/ID
DC
tp = 10 µs
100
µs
1 ms
10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com