Electronic Components Datasheet Search
  English  ▼

X  

OC1005 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # OC1005
Description  N-channel TrenchMOS standard level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OC1005 Datasheet(HTML) 5 Page - NXP Semiconductors

  OC1005 Datasheet HTML 1Page - NXP Semiconductors OC1005 Datasheet HTML 2Page - NXP Semiconductors OC1005 Datasheet HTML 3Page - NXP Semiconductors OC1005 Datasheet HTML 4Page - NXP Semiconductors OC1005 Datasheet HTML 5Page - NXP Semiconductors OC1005 Datasheet HTML 6Page - NXP Semiconductors OC1005 Datasheet HTML 7Page - NXP Semiconductors OC1005 Datasheet HTML 8Page - NXP Semiconductors OC1005 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
OC1005_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2007
5 of 12
NXP Semiconductors
OC1005
N-channel TrenchMOS standard level FET
6.
Characteristics
Table 5.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown voltage ID = 250 µA; VGS =0V
Tj =25 °C55
-
-
V
Tj = −55 °C50
-
-
V
VGS(th)
gate-source threshold voltage
ID = 1 mA; VDS =VGS; see Figure 9 and 10
Tj =25 °C
234V
Tj = 175 °C1
-
-
V
Tj = −55 °C
-
-
4.4
V
IDSS
drain leakage current
VDS = 55 V; VGS =0V
Tj =25 °C
--1
µA
Tj = 175 °C
-
-
500
µA
IGSS
gate leakage current
VGS = ±20 V; VDS = 0 V
-
2
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID = 25 A; see Figure 6 and 8
Tj =25 °C
-
5.8
7.1
m
Ω
Tj = 175 °C
-
10.6
14.2
m
Ω
Dynamic characteristics
QG(tot)
total gate charge
ID = 25 A; VDS =44V; VGS =10V;
see Figure 11 and 12
-53
-
nC
QGS
gate-source charge
-
12.3
-
nC
QGD
gate-drain charge
-
17
-
nC
Ciss
input capacitance
VGS =0V; VDS = 25 V; f = 1 MHz;
see Figure 14
-
2820
-
pF
Coss
output capacitance
-
554
-
pF
Crss
reverse transfer capacitance
-
200
-
pF
td(on)
turn-on delay time
VDS = 30 V; RL = 1.2 Ω;
-
24
-
ns
tr
rise time
VGS =10V; RG =10 Ω
-52
-
ns
td(off)
turn-off delay time
-
77
-
ns
tf
fall time
-41
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 25 A; VGS = 0 V; see Figure 13
-
0.85
1.2
V
trr
reverse recovery time
IS = 20 A; dIS/dt = −100 A/µs; VGS = 0 V
-
62
-
ns
Qr
recovered charge
-
60
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com