Electronic Components Datasheet Search
  English  ▼

X  

OC1005 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # OC1005
Description  N-channel TrenchMOS standard level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OC1005 Datasheet(HTML) 1 Page - NXP Semiconductors

  OC1005 Datasheet HTML 1Page - NXP Semiconductors OC1005 Datasheet HTML 2Page - NXP Semiconductors OC1005 Datasheet HTML 3Page - NXP Semiconductors OC1005 Datasheet HTML 4Page - NXP Semiconductors OC1005 Datasheet HTML 5Page - NXP Semiconductors OC1005 Datasheet HTML 6Page - NXP Semiconductors OC1005 Datasheet HTML 7Page - NXP Semiconductors OC1005 Datasheet HTML 8Page - NXP Semiconductors OC1005 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
Standard level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic
package using TrenchMOS technology.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
OC1005
N-channel TrenchMOS standard level FET
Rev. 02 — 10 December 2007
Product data sheet
I Standard level threshold
I Very low on-state resistance
I Motors, lamps, solenoids
I Uninterrupted power supplies
I DC-to-DC converters
I General industrial applications.
I VDS ≤ 55 V
I ID ≤ 110 A
I Ptot ≤ 200 W
I RDSon ≤ 7.1 mΩ
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1
gate (G)
2
drain (D)
3
source (S)
mb
mounting base;
connected to drain
SOT78 (TO-220AB)
12
mb
3
S
D
G
mbb076


Similar Part No. - OC1005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC100 ETC-OC100 Datasheet
157Kb / 2P
Opto Coupler
logo
Voltage Multipliers Inc...
OC100 VMI-OC100 Datasheet
122Kb / 2P
Opto Coupler
logo
Lumins Inc.
OC100 LUMINIS-OC100 Datasheet
186Kb / 4P
Ceiling mount
logo
Voltage Multipliers Inc...
OC100 VMI-OC100 Datasheet
170Kb / 2P
Optocoupler ??Axial Leaded ??Epoxy Molded
OC100G VMI-OC100G Datasheet
170Kb / 2P
Optocoupler ??Axial Leaded ??Epoxy Molded
More results

Similar Description - OC1005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
logo
Nexperia B.V. All right...
BUK7514-60E NEXPERIA-BUK7514-60E Datasheet
330Kb / 13P
N-channel TrenchMOS standard level FET
BUK7606-55B NEXPERIA-BUK7606-55B Datasheet
947Kb / 14P
N-channel TrenchMOS standard level FET
BUK7E2R3-40E NEXPERIA-BUK7E2R3-40E Datasheet
723Kb / 13P
N-channel TrenchMOS standard level FET
BUK7E3R5-60E NEXPERIA-BUK7E3R5-60E Datasheet
720Kb / 12P
N-channel TrenchMOS standard level FET
BUK7E8R3-40E NEXPERIA-BUK7E8R3-40E Datasheet
723Kb / 13P
N-channel TrenchMOS standard level FET
BUK7E13-60E NEXPERIA-BUK7E13-60E Datasheet
718Kb / 12P
N-channel TrenchMOS standard level FET
BUK751R6-30E NEXPERIA-BUK751R6-30E Datasheet
334Kb / 14P
N-channel TrenchMOS standard level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com