Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 82 Page - Maxim Integrated Products

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2156 Datasheet(HTML) 82 Page - Maxim Integrated Products

Back Button DS2156 Datasheet HTML 78Page - Maxim Integrated Products DS2156 Datasheet HTML 79Page - Maxim Integrated Products DS2156 Datasheet HTML 80Page - Maxim Integrated Products DS2156 Datasheet HTML 81Page - Maxim Integrated Products DS2156 Datasheet HTML 82Page - Maxim Integrated Products DS2156 Datasheet HTML 83Page - Maxim Integrated Products DS2156 Datasheet HTML 84Page - Maxim Integrated Products DS2156 Datasheet HTML 85Page - Maxim Integrated Products DS2156 Datasheet HTML 86Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 265 page
background image
DS2156
82 of 265
13.
ERROR COUNT REGISTERS
The DS2156 contains four counters that are used to accumulate line-coding errors, path errors, and
synchronization errors. Counter update options include one-second boundaries, 42ms (T1 mode only),
62ms (E1 mode only), or manual. See Error-Counter Configuration Register (ERCNT). When updated
automatically, the user can use the interrupt from the timer to determine when to read these registers. All
four counters saturate at their respective maximum counts, and they do not roll over. Note: Only the line-
code violation count register has the potential to overflow, but the bit error would have to exceed 10E-2
before this would occur.
Register Name:
ERCNT
Register Description:
Error-Counter Configuration Register
Register Address:
41h
Bit #
7
6
5
4
3
2
1
0
Name
—
MECU
ECUS
EAMS
VCRFS
FSBE
MOSCRF LCVCRF
Default
0
0
0
0
0
0
0
0
Bit 0/T1 Line-Code Violation Count Register Function Select (LCVCRF)
0 = do not count excessive 0s
1 = count excessive 0s
Bit 1/Multiframe Out-of-Sync Count Register Function Select (MOSCRF)
0 = count errors in the framing bit position
1 = count the number of multiframes out-of-sync
Bit 2/PCVCR Fs-Bit Error-Report Enable (FSBE)
0 = do not report bit errors in Fs-bit position; only Ft-bit position
1 = report bit errors in Fs-bit position as well as Ft-bit position
Bit 3/E1 Line-Code Violation Count Register Function Select (VCRFS)
0 = count bipolar violations (BPVs)
1 = count code violations (CVs)
Bit 4/Error-Accumulation Mode Select (EAMS)
0 = ERCNT.5 determines accumulation time
1 = ERCNT.6 determines accumulation time
Bit 5/Error-Counter Update Select (ECUS)
T1 Mode:
0 = update error counters once a second
1 = update error counters every 42ms (333 frames)
E1 Mode:
0 = update error counters once a second
1 = update error counters every 62.5ms (500 frames)
Bit 6/Manual Error-Counter Update (MECU). When enabled by ERCNT.4, the changing of this bit from a 0 to
a 1 allows the next clock cycle to load the error-counter registers with the latest counts and reset the counters. The
user must wait a minimum of 1.5 RCLK clock periods before reading the error count registers to allow for proper
update.
Bit 7/Unused, must be set to 0 for proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com