Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 91 Page - Maxim Integrated Products

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2156 Datasheet(HTML) 91 Page - Maxim Integrated Products

Back Button DS2156 Datasheet HTML 87Page - Maxim Integrated Products DS2156 Datasheet HTML 88Page - Maxim Integrated Products DS2156 Datasheet HTML 89Page - Maxim Integrated Products DS2156 Datasheet HTML 90Page - Maxim Integrated Products DS2156 Datasheet HTML 91Page - Maxim Integrated Products DS2156 Datasheet HTML 92Page - Maxim Integrated Products DS2156 Datasheet HTML 93Page - Maxim Integrated Products DS2156 Datasheet HTML 94Page - Maxim Integrated Products DS2156 Datasheet HTML 95Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 265 page
background image
DS2156
91 of 265
15.1.2
Hardware-Based Receive Signaling
In hardware-based signaling the signaling data can be obtained from the RSER pin or the RSIG pin.
RSIG is a signaling PCM stream output on a channel-by-channel basis from the signaling buffer. The
signaling data, T1 robbed bit or E1 TS16, is still present in the original data stream at RSER. The
signaling buffer provides signaling data to the RSIG pin and also allows signaling data to be reinserted
into the original data stream in a different alignment that is determined by a multiframe signal from the
RSYNC pin. In this mode, the receive elastic store can be enabled or disabled. If the receive elastic store
is enabled, then the backplane clock (RSYSCLK) can be either 1.544MHz or 2.048MHz. In the ESF
framing mode, the ABCD signaling bits are output on RSIG in the lower nibble of each channel. The
RSIG data is updated once a multiframe (3ms) unless a freeze is in effect. In the D4 framing mode, the
AB signaling bits are output twice on RSIG in the lower nibble of each channel. Hence, bits 5 and 6
contain the same data as bits 7 and 8, respectively, in each channel. The RSIG data is updated once a
multiframe (1.5ms) unless a freeze is in effect. See the timing diagrams in Section 34 for some examples.
15.1.2.1
Receive Signaling Reinsertion at RSER
In this mode, the user provides a multiframe sync at the RSYNC pin and the signaling data is reinserted
based on this alignment. In T1 mode, this results in two copies of the signaling data in the RSER data
stream, the original signaling data and the realigned data. This is of little consequence in voice channels.
Reinsertion can be avoided in data channels since this feature is activated on a per-channel basis. In this
mode, the elastic store must be enabled; however, the backplane clock can be either 1.544MHz or
2.048MHz.
Signaling reinsertion can be enabled on a per-channel basis by setting the RSRCS bit high in the PCPR
register. The channels that will have signaling reinserted are selected by writing to the PCDR1–PCDR3
registers for T1 mode and PCDR1–PCDR4 registers for E1 mode. In E1 mode, the user generally selects
all channels or none for reinsertion. In E1 mode, signaling reinsertion on all channels can be enabled with
a single bit, SIGCR.7 (GRSRE). This bit allows the user to reinsert all signaling channels without having
to program all channels through the per-channel function.
15.1.2.2
Force Receive Signaling All Ones
In T1 mode, the user can, on a per-channel basis, force the robbed-bit signaling bit positions to a 1 by
using the per-channel register (Section 5). The user sets the BTCS bit in the PCPR register. The channels
that will be forced to 1 are selected by writing to the PCDR1–PCDR3 registers.
15.1.2.3
Receive Signaling Freeze
The signaling data in the four multiframe signaling buffers is frozen in a known good state upon either a
loss of synchronization (OOF event), carrier loss, or frame slip. This action meets the requirements of
BellCore TR–TSY–000170 for signaling freezing. To allow this freeze action to occur, the RFE control
bit (SIGCR.4) should be set high. The user can force a freeze by setting the RFF control bit (SIGCR.3)
high. The RSIGF output pin provides a hardware indication that a freeze is in effect. The four-multiframe
buffer provides a three-multiframe delay in the signaling bits provided at the RSIG pin (and at the RSER
pin if receive signaling reinsertion is enabled). When freezing is enabled (RFE = 1), the signaling data is
held in the last-known good state until the corrupting error condition subsides. When the error condition
subsides, the signaling data is held in the old state for at least an additional 9ms (or 4.5ms in D4 framing
mode) before updating with new signaling data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com