Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2156 Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button DS2156 Datasheet HTML 38Page - Maxim Integrated Products DS2156 Datasheet HTML 39Page - Maxim Integrated Products DS2156 Datasheet HTML 40Page - Maxim Integrated Products DS2156 Datasheet HTML 41Page - Maxim Integrated Products DS2156 Datasheet HTML 42Page - Maxim Integrated Products DS2156 Datasheet HTML 43Page - Maxim Integrated Products DS2156 Datasheet HTML 44Page - Maxim Integrated Products DS2156 Datasheet HTML 45Page - Maxim Integrated Products DS2156 Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 265 page
background image
DS2156
42 of 265
ADDRESS
xxh
R/W
REGISTER NAME
SYMBOL
PAGE
83
R/W
Transmit Idle Code Enable Register 4
TCICE4
106
84
R/W
Receive Idle Code Enable Register 1
RCICE1
107
85
R/W
Receive Idle Code Enable Register 2
RCICE2
107
86
R/W
Receive Idle Code Enable Register 3
RCICE3
107
87
R/W
Receive Idle Code Enable Register 4
RCICE4
107
88
R/W
Receive Channel Blocking Register 1
RCBR1
108
89
R/W
Receive Channel Blocking Register 2
RCBR2
108
8A
R/W
Receive Channel Blocking Register 3
RCBR3
109
8B
R/W
Receive Channel Blocking Register 4
RCBR4
109
8C
R/W
Transmit Channel Blocking Register 1
TCBR1
110
8D
R/W
Transmit Channel Blocking Register 2
TCBR2
110
8E
R/W
Transmit Channel Blocking Register 3
TCBR3
110
8F
R/W
Transmit Channel Blocking Register 4
TCBR4
110
90
R/W
HDLC #1 Transmit Control
H1TC
135
91
R/W
HDLC #1 FIFO Control
H1FC
137
92
R/W
HDLC #1 Receive Channel Select 1
H1RCS1
138
93
R/W
HDLC #1 Receive Channel Select 2
H1RCS2
138
94
R/W
HDLC #1 Receive Channel Select 3
H1RCS3
138
95
R/W
HDLC #1 Receive Channel Select 4
H1RCS4
138
96
R/W
HDLC #1 Receive Time Slot Bits/Sa Bits Select
H1RTSBS
139
97
R/W
HDLC #1 Transmit Channel Select1
H1TCS1
140
98
R/W
HDLC #1 Transmit Channel Select2
H1TCS2
140
99
R/W
HDLC #1 Transmit Channel Select3
H1TCS3
140
9A
R/W
HDLC #1 Transmit Channel Select4
H1TCS4
140
9B
R/W
HDLC #1 Transmit Time Slot Bits/Sa Bits Select
H1TTSBS
141
9C
R
HDLC #1 Receive Packet Bytes Available
H1RPBA
145
9D
W
HDLC #1 Transmit FIFO
H1TF
146
9E
R
HDLC #1 Receive FIFO
H1RF
146
9F
R
HDLC #1 Transmit FIFO Buffer Available
H1TFBA
145
A0
R/W
HDLC #2 Transmit Control
H2TC
135
A1
R/W
HDLC #2 FIFO Control
H2FC
137
A2
R/W
HDLC #2 Receive Channel Select 1
H2RCS1
138
A3
R/W
HDLC #2 Receive Channel Select 2
H2RCS2
138
A4
R/W
HDLC #2 Receive Channel Select 3
H2RCS3
138
A5
R/W
HDLC #2 Receive Channel Select 4
H2RCS4
138
A6
R/W
HDLC #2 Receive Time Slot Bits/Sa Bits Select
H2RTSBS
139
A7
R/W
HDLC #2 Transmit Channel Select1
H2TCS1
140
A8
R/W
HDLC #2 Transmit Channel Select2
H2TCS2
140
A9
R/W
HDLC #2 Transmit Channel Select3
H2TCS3
140
AA
R/W
HDLC #2 Transmit Channel Select4
H2TCS4
140
AB
R/W
HDLC #2 Transmit Time Slot Bits/Sa Bits Select
H2TTSBS
141
AC
R
HDLC #2 Receive Packet Bytes Available
H2RPBA
145
AD
W
HDLC #2 Transmit FIFO
H2TF
146
AE
R
HDLC #2 Receive FIFO
H2RF
146
AF
R
HDLC #2 Transmit FIFO Buffer Available
H2TFBA
145
B0
R/W
Extend System Information Bus Control Register 1
ESIBCR1
219
B1
R/W
Extend System Information Bus Control Register 2
ESIBCR2
220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com