Electronic Components Datasheet Search
  English  ▼

X  

FT232R Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # FT232R
Description  USB UART IC - Single chip USB to asynchronous serial data transfer interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232R Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button FT232R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
12
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.07
Clearance No.: FTDI# 38
Pin
No.
Name
Type
Description
11
CBUS3
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal
EEPROM. Factory default configuration is PWREN#. See CBUS Signal Options, Table
3.9. PWREN# should be used with a 10kΩ resistor pull up.
21
CBUS1
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal
EEPROM. Factory default configuration is RXLED#. See CBUS Signal Options, Table 3.9.
22
CBUS0
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal
EEPROM. Factory default configuration is TXLED#. See CBUS Signal Options, Table 3.9.
Table 3.8 UART Interface and CBUS Group (see note 3)
Notes:
1. The minimum operating voltage VCC must be +4.0V (could use VBUS=+5V) when using the
internal clock generator. Operation at +3.3V is possible using an external crystal oscillator.
2. For details on how to use an external crystal, ceramic resonator, or oscillator with the FT232R,
please refer to Section 7.6.
3. When used in Input Mode, the input pins are pulled to VCCIO via internal 200kΩ resistors. These
pins can be programmed to gently pull low during USB suspend (PWREN# = “1”) by setting an
option in the internal EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com