Electronic Components Datasheet Search
  English  ▼

X  

FT232R Datasheet(PDF) 24 Page - Future Technology Devices International Ltd.

Part # FT232R
Description  USB UART IC - Single chip USB to asynchronous serial data transfer interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232R Datasheet(HTML) 24 Page - Future Technology Devices International Ltd.

Back Button FT232R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 28Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
24
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.07
Clearance No.: FTDI# 38
6.2 Self Powered Configuration
Figure 6.2 Self Powered Configuration
Figure 6.2 illustrates the FT232R in a typical USB self powered configuration. A USB self powered device
gets its power from its own power supply, VCC, and does not draw current from the USB bus. The basic
rules for USB self powered devices are as follows –
i)
A self powered device should not force current down the USB bus when the USB host or hub
controller is powered down.
ii)
A self powered device can use as much current as it needs during normal operation and USB
suspend as it has its own power supply.
iii)
A self powered device can be used with any USB host, a bus powered USB hub or a self
powered USB hub.
The power descriptor in the internal EEPROM of the FT232R should be programmed to a value of zero
(self powered).
In order to comply with the first requirement above, the USB bus power (pin 1) is used to control the
RESET# pin of the FT232R device. When the USB host or hub is powered up an internal 1.5kΩ resistor on
USBDP is pulled up to +3.3V (generated using the 4K7 and 10k resistor network), thus identifying the
device as a full speed device to the USB host or hub. When the USB host or hub is powered off, RESET#
will be low and the FT232R is held in reset. Since RESET# is low, the internal 1.5kΩ resistor is not pulled
up to any power supply (hub or host is powered down), so no current flows down USBDP via the 1.5kΩ
pull-up resistor. Failure to do this may cause some USB host or hub controllers to power up erratically.
Figure 6.2 illustrates a self powered design which has a +4V to +5.25V supply.
Note:
1. When the FT232R is in reset, the UART interface I/O pins are tri-stated. Input pins have internal
200kΩ pull-up resistors to VCCIO, so they will gently pull high unless driven by some external
logic.
2. When using internal FT232R oscillator the VCC supply voltage range must be +4.0V to 5.25V.
3. When using external oscillator the VCC supply voltage range must be +3.3V to 5.25V
Any design which interfaces to +3.3 V or +1.8V would be having a +3.3V or +1.8V supply to
VCCIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com