Electronic Components Datasheet Search
  English  ▼

X  

FT232R Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # FT232R
Description  USB UART IC - Single chip USB to asynchronous serial data transfer interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232R Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button FT232R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 20Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
16
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.07
Clearance No.: FTDI# 38
Additionally, the UART signals can each be individually inverted and have a configurable high drive
strength capability. Both these features are configurable in the EEPROM.
Baud Rate Generator - The Baud Rate Generator provides a 16x clock input to the UART Controller
from the 48MHz reference clock. It consists of a 14 bit pre-scaler and 3 register bits which provide fine
tuning of the baud rate (used to divide by a number plus a fraction or “sub-integer”). This determines the
baud rate of the UART, which is programmable from 183 baud to 3 Mbaud.
The FT232R supports all standard baud rates and non-standard baud rates from 183 Baud up to 3
Mbaud. Achievable non-standard baud rates are calculated as follows -
Baud Rate = 3000000 / (n + x)
where „n‟ can be any integer between 2 and 16,384 ( = 214 ) and „x’ can be a sub-integer of the value 0,
0.125, 0.25, 0.375, 0.5, 0.625, 0.75, or 0.875. When n = 1, x = 0, i.e. baud rate divisors with values
between 1 and 2 are not possible.
This gives achievable baud rates in the range 183.1 baud to 3,000,000 baud. When a non-standard baud
rate is required simply pass the required baud rate value to the driver as normal, and the FTDI driver will
calculate the required divisor, and set the baud rate. See FTDI application note AN232B-05 on the FTDI
website (www.ftdichip.com) for more details.
RESET Generator - The integrated Reset Generator Cell provides a reliable power-on reset to the device
internal circuitry at power up. The RESET# input pin allows an external device to reset the FT232R.
RESET# can be tied to VCC or left unconnected if not being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com