Electronic Components Datasheet Search
  English  ▼

X  

FT232R Datasheet(PDF) 30 Page - Future Technology Devices International Ltd.

Part # FT232R
Description  USB UART IC - Single chip USB to asynchronous serial data transfer interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232R Datasheet(HTML) 30 Page - Future Technology Devices International Ltd.

Back Button FT232R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 34Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
30
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.07
Clearance No.: FTDI# 38
7.4 USB to MCU UART Interface
FT232R
GND
GND
100nF
VCC
USBDM
USBDP
VCCIO
NC
RESET#
NC
OSCI
OSCO
3V3OUT
A
G
N
D
G
N
D
G
N
D
G
N
D
T
E
S
T
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
CBUS0
CBUS1
CBUS2
CBUS3
CBUS4
1
2
3
4
GND
SHIELD
GND
100nF
4.7uF
+
5
10nF +
Ferrite Bead
Vcc
Vcc
PWREN#
Vcc
12MHz
OUT
10K
CLK_IN
I/O
RTS#
RXD
TXD
CTS#
Vcc
Figure 7.4 USB to MCU UART Interface
An example of using the FT232R as a USB to Microcontroller (MCU) UART interface is shown in Figure
7.4. In this application the FT232R uses TXD and RXD for transmission and reception of data, and RTS# /
CTS# signals for hardware handshaking. Also in this example CBUS0 has been configured as a 12MHz
output to clock the MCU.
Optionally, RI# could be connected to another I/O pin on the MCU and used to wake up the USB host
controller from suspend mode. If the MCU is handling power management functions, then a CBUS pin can
be configured as PWREN# and would also be connected to an I/O pin of the MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com