Electronic Components Datasheet Search
  English  ▼

X  

FT232R Datasheet(PDF) 36 Page - Future Technology Devices International Ltd.

Part # FT232R
Description  USB UART IC - Single chip USB to asynchronous serial data transfer interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232R Datasheet(HTML) 36 Page - Future Technology Devices International Ltd.

Back Button FT232R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 40Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
36
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.07
Clearance No.: FTDI# 38
9.2 QFN-32 Package Dimensions
Figure 9.2 QFN-32 Package Dimensions
The FT232RQ is supplied in a RoHS compliant leadless QFN-32 package. The package is lead ( Pb ) free,
and uses a „green‟ compound. The package is fully compliant with European Union directive 2002/95/EC.
This package is nominally 5.00mm x 5.00mm. The solder pads are on a 0.50mm pitch. The above
mechanical drawing shows the QFN-32 package. All dimensions are in millimetres.
The centre pad on the base of the FT232RQ is not internally connected, and can be left unconnected, or
connected to ground (recommended).
The date code format is YYXX where XX = 2 digit week number, YY = 2 digit year number.
The code XXXXXXX is the manufacturing LOT code. This only applies to devices manufactured after April
2009.
Indicates Pin #1
(Laser Marked)
FT232RQ
32
25
24
17
16
9
8
1
YYXX-A
5.000 +/-0.075
3.200 +/-0.100
0.500
0.250 +/-0.050
0.500 +/-0.050
0.150 Max
Pin #1 ID
0.900 +/
-0.100
0.200
0.050
2
1
3
4
5
6
7
8
23
24
22
21
20
19
18
17
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
Note: The pin #1
ID is connected internally to the device’s central
heat sink area . It is recommended to ground the central heat sink
area of the device.
0.200 Min
Dimensions in mm.
Central
Heat Sink
Area
FTDI
XXXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com