Electronic Components Datasheet Search
  English  ▼

X  

TDA8023 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8023
Description  Low power IC card interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8023 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8023 Datasheet HTML 1Page - NXP Semiconductors TDA8023 Datasheet HTML 2Page - NXP Semiconductors TDA8023 Datasheet HTML 3Page - NXP Semiconductors TDA8023 Datasheet HTML 4Page - NXP Semiconductors TDA8023 Datasheet HTML 5Page - NXP Semiconductors TDA8023 Datasheet HTML 6Page - NXP Semiconductors TDA8023 Datasheet HTML 7Page - NXP Semiconductors TDA8023 Datasheet HTML 8Page - NXP Semiconductors TDA8023 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TDA8023_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 16 July 2007
2 of 32
NXP Semiconductors
TDA8023
Low power IC card interface
3.
Applications
I Banking terminals
I Internet terminals
I Set-top boxes
I Portable IC card readers
4.
Quick reference data
Table 1.
Quick reference data
VDD = 3.3 V; VDD(INTF) = 1.5 V; fCLKIN = 10 MHz; GND = 0 V; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
on pin VDD
2.7
-
6.5
V
VDD(DCDC)
DC-to-DC converter
supply voltage
on pin VDDP
2.7
-
6.5
V
VDD(INTF)
interface supply voltage on pin VDDI
1.5
-
6.5
V
IDD
supply current
Shutdown mode
[1] --
10
µA
Inactive mode; CLKIN LOW or HIGH
[1] -
-
200
µA
Active mode; VCC =5V; fCLK = 5 MHz
[1]
capacitive; ICC =5mA
-
-
15
mA
capacitive; ICC = 55 mA
-
-
200
mA
inductive; ICC =5mA
-
-
15
mA
inductive; ICC = 55 mA
-
-
150
mA
Power-down mode; VCC =5V; ICC = 100 µA;
CLK stopped; CLKIN HIGH or LOW;
capacitive or inductive
[1] --
2
mA
Supply voltage for the card: pin VCC[2]
VCC
supply voltage
Active mode; 2.7 V < VDD < 6.5 V
[3]
5 V card; ICC < 60 mA; VCC = 5 V
4.75
5
5.25
V
3 V card; ICC < 55 mA; VCC = 3 V
2.80
3
3.15
V
1.8 V card; ICC < 30 mA; VCC = 1.8 V
1.65
1.8
1.95
V
Active mode; AC current pulses with
I < 200 mA, t < 400 ns and f < 20 MHz
[3]
5 V card; current pulses of 40 nAs
4.65
-
5.35
V
3 V card; current pulses of 24 nAs
2.76
-
3.24
V
1.8 V card; current pulses of 15 nAs
1.62
-
1.98
V
Vripple(p-p)
peak-to-peak ripple
voltage
on VCC; 20 kHz to 200 MHz
-
-
350
mV
ICC
supply current
VDD > 2.7 V
5 V card; VCC = 0 V to 5 V
-
-
−55
mA
3 V card; VCC = 0 V to 3 V
-
-
−55
mA
1.8 V card; VCC = 0 V to 1.8 V
-
-
−35
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com